Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AL1676 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AL1676
Description  UNIVERSAL HIGH POWER FACTOR BUCK LED DRIVER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL1676 Datasheet(HTML) 2 Page - Diodes Incorporated

  AL1676 Datasheet HTML 1Page - Diodes Incorporated AL1676 Datasheet HTML 2Page - Diodes Incorporated AL1676 Datasheet HTML 3Page - Diodes Incorporated AL1676 Datasheet HTML 4Page - Diodes Incorporated AL1676 Datasheet HTML 5Page - Diodes Incorporated AL1676 Datasheet HTML 6Page - Diodes Incorporated AL1676 Datasheet HTML 7Page - Diodes Incorporated AL1676 Datasheet HTML 8Page - Diodes Incorporated AL1676 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
AL1676
Document number: DS38290 Rev. 1 - 2
2 of 15
www.diodes.com
February 2016
© Diodes Incorporated
AL1676
Typical Applications Circuit
OUT
+
ROVP
GND
U1 AL1676
C5
R1
AC
Input
F1
DB1
C1
COMP
VCC
R2
CS
D
C4
D1
L2
R4
R5
R3
C2
C3
VR
L1
NC
Pin Descriptions
Pin Number
Pin Name
Function
1
VCC
Power supply voltage
2
ROVP
Resistor set the open voltage
3
COMP
Compensation for current control
4
GND
Ground
5
CS
Current sensing
6
NC
No connection
7
D
Drain of the internal high voltage MOSFET
Functional Block Diagram
VCC
Management
Fault
Management
UVLO
OFF
VCC
Clamp
OSP
OTP
OVP
VDD
STOP
tOFF Detection
(ZCD)
VCC
OVP
OVP
D
VCC
GND
ROVP
OSP
STOP
R
S
Q
6
-
+
COMP
Gm
VREF
Sample and
Hold
-
+
3
5
VOVP_REF
tOFF
VOVP_REF
VREF
tOFF
4
2
1
7
CS
NC
Driver Supply
Clamp
-
+
0.8V
OCP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com