Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AL1676 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AL1676
Description  UNIVERSAL HIGH POWER FACTOR BUCK LED DRIVER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL1676 Datasheet(HTML) 4 Page - Diodes Incorporated

  AL1676 Datasheet HTML 1Page - Diodes Incorporated AL1676 Datasheet HTML 2Page - Diodes Incorporated AL1676 Datasheet HTML 3Page - Diodes Incorporated AL1676 Datasheet HTML 4Page - Diodes Incorporated AL1676 Datasheet HTML 5Page - Diodes Incorporated AL1676 Datasheet HTML 6Page - Diodes Incorporated AL1676 Datasheet HTML 7Page - Diodes Incorporated AL1676 Datasheet HTML 8Page - Diodes Incorporated AL1676 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
AL1676
Document number: DS38290 Rev. 1 - 2
4 of 15
www.diodes.com
February 2016
© Diodes Incorporated
AL1676
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
UVLO
VTH(ST)
Startup Voltage
–
–
14.5
–
V
VOPR(Min)
Minimal Operating Voltage
After Turn On
–
8.5
–
V
VCC_CLAMP
VCC Clamp Voltage
ICC = 1mA
–
15.5
–
V
Standby Current
IST
Start-up Current
VCC = VTH(ST)-0.5V,
Before Start up
–
100
–
µA
ICC(OPR)
Operating Current
Switching Frequency
at 5kHz
–
170
–
µA
Internal High Voltage MOSFET
RDS(ON)
Drain-Source On-State Resistance
AL1676-20AS7-13
–
–
6.5
Ω
AL1676-30AS7-13
–
–
3
AL1676-10BS7-13
–
–
12
AL1676-20BS7-13
–
–
6
AL1676-20CS7-13
–
–
5.5
AL1676-40DS7-13
–
–
2.5
IDS
Continuous Drain-Source Current
AL1676-20AS7-13
–
–
2.0
A
AL1676-30AS7-13
–
–
3.0
AL1676-10BS7-13
–
–
1.0
AL1676-20BS7-13
–
–
2.0
AL1676-20CS7-13
–
–
2.0
AL1676-40DS7-13
–
–
4.0
VDS
Drain-Source Voltage
AL1676-20AS7-13
300
–
–
V
AL1676-30AS7-13
300
–
–
AL1676-10BS7-13
500
–
–
AL1676-20BS7-13
500
–
–
AL1676-20CS7-13
600
–
–
AL1676-40DS7-13
650
–
–
IDSS
Drain-Source Leakage Current
AL1676-20AS7-13
–
–
1
µA
AL1676-30AS7-13
–
–
1
AL1676-10BS7-13
–
–
1
AL1676-20BS7-13
–
–
1
AL1676-20CS7-13
–
–
1
AL1676-40DS7-13
–
–
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com