Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AL1676 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AL1676
Description  UNIVERSAL HIGH POWER FACTOR BUCK LED DRIVER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL1676 Datasheet(HTML) 1 Page - Diodes Incorporated

  AL1676 Datasheet HTML 1Page - Diodes Incorporated AL1676 Datasheet HTML 2Page - Diodes Incorporated AL1676 Datasheet HTML 3Page - Diodes Incorporated AL1676 Datasheet HTML 4Page - Diodes Incorporated AL1676 Datasheet HTML 5Page - Diodes Incorporated AL1676 Datasheet HTML 6Page - Diodes Incorporated AL1676 Datasheet HTML 7Page - Diodes Incorporated AL1676 Datasheet HTML 8Page - Diodes Incorporated AL1676 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
AL1676
Document number: DS38290 Rev. 1 - 2
1 of 15
www.diodes.com
February 2016
© Diodes Incorporated
AL1676
UNIVERSAL HIGH POWER FACTOR BUCK LED DRIVER
Description
The AL1676 is a universal AC input (85~277 VAC), high power factor
(PF) and high efficiency Buck LED driver. The AL1676 topology
provides accurate constant current (CC) with good line and load
regulation, operating at boundary conduction mode (BCM) to ease in
EMI/EMC qualification and testing to meet the latest regulatory laws.
The AL1676 single Buck stage driver works with a single winding
inductor and High voltage MOSFET included, therefore, can use
fewer external components and create a low bill of material (BOM)
cost solution. The AL1676 has rich protection features to enhance
system safety and reliability, including under voltage lock out (UVLO),
LED open/short, over voltage,
over current, over temperature
protection and thermal fold-back function which can reduce output
current when the driver
’s temperature is higher than the setting value.
The AL1676 is available for SO-7 package.
Features
>90% Efficiency
Universal 85 to 277 VAC Input Range
Multiple Options for Internal MOSFET
Tight Output Current Tolerance: ±3%
Low Startup Current: 100µA
Low Operation Current: 170µA (5KHs Switching)
Single Winding Inductor
Internal Protections:
Under Voltage Lock Out (UVLO)
Leading-Edge Blanking (LEB)
Cycle-by-cycle Over Current Protection (OCP)
Output Open/Short Protection (OVP/OSP)
Thermal Fold-back Protection (TFP)
Over Temperature Protection (OTP)
SO-7 Package
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free
. “Green” Device (Note 3)
Pin Assignments
(Top View)
1
2
3
4
7
6
5
VCC
ROVP
COMP
GND
CS
D
NC
SO-7
Applications
Retrofit LED Lamps
LED Tube
High Voltage DC-DC LED Driver
General Purpose Constant Current Source
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.


Similar Part No. - AL1676

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AL1672 DIODES-AL1672 Datasheet
293Kb / 14P
SINGLE STAGE DIMMABLE BUCK CONVERTER
Rev 1
AL1672-40CSP-13 DIODES-AL1672-40CSP-13 Datasheet
293Kb / 14P
SINGLE STAGE DIMMABLE BUCK CONVERTER
Rev 1
AL1673 DIODES-AL1673 Datasheet
317Kb / 15P
UNIVERSAL FLYBACK AND BUCK-BOOST SINGLE STAGE DIMMABLE LED DRIVER
Rev 1
AL1673-20CSP-13 DIODES-AL1673-20CSP-13 Datasheet
317Kb / 15P
UNIVERSAL FLYBACK AND BUCK-BOOST SINGLE STAGE DIMMABLE LED DRIVER
Rev 1
AL1677 DIODES-AL1677 Datasheet
539Kb / 13P
UNIVERSAL, HIGH EFFICIENCY AND ACCURACY LED DRIVER CONVERTER
Rev 1
More results

Similar Description - AL1676

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCL30002 ONSEMI-NCL30002 Datasheet
232Kb / 17P
Power Factor Corrected Buck LED Driver
March, 2012 ??Rev. 0
logo
NXP Semiconductors
UM10406 NXP-UM10406 Datasheet
389Kb / 21P
SSL1523 high power factor 5 W LED driver for universal
Rev. 01-3 August 2010
logo
Taiwan Semiconductor Co...
TS19702 TSC-TS19702 Datasheet
411Kb / 9P
High Power Factor Corrector LED Driver
TS19702 TSC-TS19702_14 Datasheet
1Mb / 9P
High Power Factor Corrector LED Driver
logo
Diodes Incorporated
AL1678-20B DIODES-AL1678-20B Datasheet
529Kb / 13P
UNIVERSAL, 500V BUCK LED DRIVER
Rev 1
logo
Linkage Goston Electron...
SM7301 LINKAGE-SM7301 Datasheet
4Mb / 8P
High power factor LED driver chip
logo
Shenzhen Tianyuan Semic...
TP8601 TPOWER-TP8601 Datasheet
568Kb / 6P
High power factor non-isolated buck LED constant current driver chip
TP8602 TPOWER-TP8602 Datasheet
606Kb / 6P
High power factor non-isolated buck LED driver chip with integrated power transistor
TP8611 TPOWER-TP8611 Datasheet
625Kb / 7P
PWM dimming high power factor non-isolated buck LED driver chip
logo
PREMA Semiconductor.
PR4101 PREMA-PR4101 Datasheet
2Mb / 24P
High Power LED Buck Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com