Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AL1676 Datasheet(PDF) 11 Page - Diodes Incorporated

Part # AL1676
Description  UNIVERSAL HIGH POWER FACTOR BUCK LED DRIVER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL1676 Datasheet(HTML) 11 Page - Diodes Incorporated

Back Button AL1676 Datasheet HTML 7Page - Diodes Incorporated AL1676 Datasheet HTML 8Page - Diodes Incorporated AL1676 Datasheet HTML 9Page - Diodes Incorporated AL1676 Datasheet HTML 10Page - Diodes Incorporated AL1676 Datasheet HTML 11Page - Diodes Incorporated AL1676 Datasheet HTML 12Page - Diodes Incorporated AL1676 Datasheet HTML 13Page - Diodes Incorporated AL1676 Datasheet HTML 14Page - Diodes Incorporated AL1676 Datasheet HTML 15Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
AL1676
Document number: DS38290 Rev. 1 - 2
11 of 15
www.diodes.com
February 2016
© Diodes Incorporated
AL1676
Functional Description and Application Information (Cont.)
The AL1676 controls the system operating at boundary conduction mode which results in its operating frequency inconstant. To set the minimum
switching frequency fMIN at the crest of the minimum AC input.
_
_
( 2
)
2
2
IN
RMS
O
O
PEAK
IN
RMS
MIN
V
V
V
L
I
V
f


…………… (9)
According to the Faraday
’s Law of Induction, the winding number of the inductance can be calculated by:
2
2
PEAK
L
em
LI
N
AB
…………… (10)
Where,
Ae is the core effective area.
Bm is the maximum magnetic flux density.
The AL1676 has designed the minimum tON time and maximum tON time, the tON_MIN is about 700ns and the tON_MAX time is about 29µs. In buck
topology there is the equation VIN_RMS-VO=L*IPEAK/tON. If the inductance is too small, it will make tON smaller than tON_MIN, the device cannot
detect the peak current of the system, resulting in incorrect output current. If the inductance is too large, make tON longer than the tON_MAX, the
system
’s output current will decrease because of the limit of the tON_MAX.
The AL1676 has also the limitation of minimum tOFF time and maximum tOFF time, the tOFF_MIN time is about 6µs and tOFF_MAX time is about 180µs.
In buck topology there is the equation VO=L*IPEAK/tOFF. If the inductance is too small, make tOFF smaller than tOFF_MIN, the system will enter DCM
mode, and the output current will be incorrect. If the inductance is too large, make tOFF longer than tOFF_MAX, the system will enter CCM mode, and
the output current will also be incorrect. So a suitable value of the inductance is very important.
Consider these parameters, two examples of the typical application inductance is recommended as below:
System spec
Inductance Value
System Frequency
tON_MIN
tOFF
60V/100mA (85~265VAC)
2.2mH
64KHz(230 VAC)
2.4µs (265 VAC)
12.6µs
42V/150mA (85~265 VAC)
1.1mH
64KHz(230 VAC)
1.6µs (265 VAC)
13.5µs
Recommended Applications
The AL1676 integrates different MOSFET to adapt different wattage application. The output current is limited by the integrated MOSFET, and the
SO-7 package
’s heat dissipation capability. The minimum output voltage is limited by the LEB time, and the minimum output voltage is
recommended to 20V. The recommended application is given below:
Device
Output Power Coverage
Maximum Output Current
Minimum Output Voltage
AL1676-20A
≤10W
≤200mA
20V
AL1676-30A
≤13W
≤300mA
20V
AL1676-10B
≤7W
≤120mA
20V
AL1676-20B
≤10W
≤200mA
20V
AL1676-20C
≤10W
≤200mA
20V
AL1676-40D
≤18W
≤350mA
20V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com