Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AL65 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # AL65
Description  Transition Mode PFC LED Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL65 Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button AL65 Datasheet HTML 2Page - Diodes Incorporated AL65 Datasheet HTML 3Page - Diodes Incorporated AL65 Datasheet HTML 4Page - Diodes Incorporated AL65 Datasheet HTML 5Page - Diodes Incorporated AL65 Datasheet HTML 6Page - Diodes Incorporated AL65 Datasheet HTML 7Page - Diodes Incorporated AL65 Datasheet HTML 8Page - Diodes Incorporated AL65 Datasheet HTML 9Page - Diodes Incorporated AL65 Datasheet HTML 10Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
AL6562
Document Number: DS37542 Rev. 2 - 2
6 of 16
www.diodes.com
February 2015
© Diodes Incorporated
AL6562
Performance Characteristics
Supply Current vs. Supply Voltage
Start-up & UVLO Vs. TJ
Icc Consumption vs.TJ
Vcc Zener Voltage Vs. TJ
Feedback Reference Voltage vs. TJ
OVP Current vs. TJ
0
5
10
15
20
25
0.0
0.5
1.0
1.5
2.0
2.5
3.0
C
O
=1nF
f=70kHz
T
J
=25
oC
Supply Voltage (V)
-50
0
50
100
150
9.0
9.5
10.0
10.5
11.0
11.5
12.0
12.5
V
CC-ON
Junction Temperature (
oC)
V
CC-OFF
-50
0
50
100
150
0.03125
0.0625
0.125
0.25
0.5
1
2
4
8
V
CC
=12V
C
O
=1nF
f=70kHz
Quiescent
Disabled or during OVP
Junction Temperature (
oC)
Before start-up
-50
0
50
100
150
22
23
24
25
26
27
28
Junction Temperature (
oC)
-50
0
50
100
150
2.40
2.45
2.50
2.55
2.60
Junction Temperature (
OC)
V
CC
=12V
-50
0
50
100
150
39.0
39.5
40.0
40.5
41.0
41.5
42.0
42.5
43.0
Junction Temperature (
oC)
V
CC
=12V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com