Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AL65 Datasheet(PDF) 12 Page - Diodes Incorporated

Part # AL65
Description  Transition Mode PFC LED Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL65 Datasheet(HTML) 12 Page - Diodes Incorporated

Back Button AL65 Datasheet HTML 8Page - Diodes Incorporated AL65 Datasheet HTML 9Page - Diodes Incorporated AL65 Datasheet HTML 10Page - Diodes Incorporated AL65 Datasheet HTML 11Page - Diodes Incorporated AL65 Datasheet HTML 12Page - Diodes Incorporated AL65 Datasheet HTML 13Page - Diodes Incorporated AL65 Datasheet HTML 14Page - Diodes Incorporated AL65 Datasheet HTML 15Page - Diodes Incorporated AL65 Datasheet HTML 16Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
AL6562
Document Number: DS37542 Rev. 2 - 2
12 of 16
www.diodes.com
February 2015
© Diodes Incorporated
AL6562
Application Information (Cont.)
Single Stage LED Driver with PFC
One of the major applications of AL6562 is to provide a single stage power module with high PF for LED lighting. The following circuit, Figure 4,
shows a simplified fly-back AC-DC converter with both CC and CV feedback from output side, to prevent overload and also provide an over-
voltage protection facility.
CY1
AC
input
C1
Z1
ZCD
COMP
INV
GD
CS
MULT
Vcc
GND
AL6562
(5)
(2)
(1)
(7)
(4)
(6)
(3)
(8)
Snuber
Opto-
Coupler
CY2
Secondary
side loop
control
R10
R9
ILED
R8
R7
C5
R4
D1
C4
R3
R1
R2
C3
C2
R5
M1
R6
R11
R12
C6
Vo
Figure 4 Single Stage PFC Isolated LED lighting
With its high performance, the AL6562 offers the following advantages that make this solution an appropriate method against the traditional
PWM controller, where a good PF value is required:
The input capacitance can be reduced to replace a bulky and expensive high-voltage electrolytic capacitor (as required by regular
offline SMPS) by a small-size, cheaper film capacitor.
Transition mode ensures low turn-on losses in MOSFET and higher efficiency can be achieved.
Lower parts count means lower material cost, as well as lower assembly cost for limited space.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com