Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AL65 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AL65
Description  Transition Mode PFC LED Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL65 Datasheet(HTML) 4 Page - Diodes Incorporated

  AL65 Datasheet HTML 1Page - Diodes Incorporated AL65 Datasheet HTML 2Page - Diodes Incorporated AL65 Datasheet HTML 3Page - Diodes Incorporated AL65 Datasheet HTML 4Page - Diodes Incorporated AL65 Datasheet HTML 5Page - Diodes Incorporated AL65 Datasheet HTML 6Page - Diodes Incorporated AL65 Datasheet HTML 7Page - Diodes Incorporated AL65 Datasheet HTML 8Page - Diodes Incorporated AL65 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
AL6562
Document Number: DS37542 Rev. 2 - 2
4 of 16
www.diodes.com
February 2015
© Diodes Incorporated
AL6562
Electrical Characteristics
(Over recommended operating conditions unless otherwise specified VCC = 12.0V, TJ = -25°C to +125°C, CO = 1nF)
Symbol
Parameter
Conditions
Min
Typ.
Max
Units
SUPPLY VOLTAGE
VCC
IC Supply Voltage
After turn-on
10.3
22
V
VCC ON
Turn-On Threshold
11.0
12.0
13.0
V
VCC OFF
Turn-Off Threshold
8.7
9.5
10.3
V
VCC-HYS
Hysteresis
2.2
2.5
2.8
V
VZ
Zener Voltage
ICC = 20 mA
22
24
V
SUPPLY CURRENT
Istart-up
Start-Up Current
Before turn-on, VCC=11V
40
70
µA
IQ
Quiescent Current
After turn-on
2.5
3.75
mA
ICC
Operating Supply Current
@ 70kHz
In OVP condition, VINV = 2.7V
3.5
1.4
5
2.2
mA
mA
IQ
Quiescent Current
VZCD≤150mV, VCC>VCC-OFF
VZCD≤150mV, VCC<VCC-OFF
20
50
2.2
90
mA
mA
ERROR AMPLIFIER
VINV
Voltage Feedback Input Threshold
TJ = +25°C
2.465
2.5
2.535
V
10.3V < VCC < 22V
2.44
2.56
Line Regulation
VCC = 10.3V to 22V
(Note 6)
2
5
mV
IINV
Input Bias Current
VINV = 0 to 3V
-0.1
-1
µA
GV
Voltage Gain
OPEN LOOP
60
80
dB
GB
Gain-Bandwidth
1
MHz
ICOMP
Source Current
VCOMP = 4V, VINV = 2.4V
-2
-4.0
-8
mA
Sink Current
VCOMP = 4V, VINV = 2.6V
2.5
4.5
mA
VCOMP
Upper Clamp Voltage
ISOURCE = 0.5 mA
5.8
V
Lower Clamp Voltage
IS
INK = 0.5 mA (Note 6)
2.1
2.25
2.4
V
VINVdis
Disable Threshold
250
300
350
mV
VINVen
Restart Threshold
400
470
540
mV
MULTIPLIER INPUT
VMULT
Linear Operation Range
0 - 3
0
– 3.5
V
V
CS
V
MULT
Output Maximum Slope
VMULT = 0 to 0.5V,
VCOMP = upper clamp
1.65
1.9
V/V
K
Gain (Note 7)
VMULT = 1V,VCOMP = 4V
0.6
0.75
0.9
1/V
ZERO CURRENT DETECTOR
VZCDH
Upper Clamp Voltage
IZCD = 3mA
4.7
5.2
6.1
V
VZCDL
Lower Clamp Voltage
IZCD = -3mA
0.3
0.65
1.0
V
VZCDA
Arming Voltage
Positive-going edge
2.1
V
VZCDT
Triggering Voltage
Negative-going edge
1.6
V
IZCDb
Input Bias Current
VZCD =1 to 4.5V
2
µA
IZCDsrc
Source Current Capability
-2.5
-10
mA
IZCDsnk
Sink Current Capability
3.0
mA
VZCDdis
Disable Threshold
150
200
250
mV
VZCDen
Restart Threshold
330
400
470
mV
IZCDres
Restart Current after Disable
VZCD<VDIS, VCC>VCC-OFF
-80
-120
µA
STARTER
tSTART
Start Timer Period
75
130
300
µs
Notes:
6.
All parameters are in tracking.
7.
The multiplier output is given by: current sense comparator O/P,
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com