Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AL65 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AL65
Description  Transition Mode PFC LED Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL65 Datasheet(HTML) 1 Page - Diodes Incorporated

  AL65 Datasheet HTML 1Page - Diodes Incorporated AL65 Datasheet HTML 2Page - Diodes Incorporated AL65 Datasheet HTML 3Page - Diodes Incorporated AL65 Datasheet HTML 4Page - Diodes Incorporated AL65 Datasheet HTML 5Page - Diodes Incorporated AL65 Datasheet HTML 6Page - Diodes Incorporated AL65 Datasheet HTML 7Page - Diodes Incorporated AL65 Datasheet HTML 8Page - Diodes Incorporated AL65 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
AL6562
Document Number: DS37542 Rev. 2 - 2
1 of 16
www.diodes.com
February 2015
© Diodes Incorporated
AL6562
Transition Mode PFC LED Controller
Description
The AL6562 is a current mode Power Factor Correction Controller and
is designed for operating in Transition Mode. With a superior linear
performance multiplier, it ensures the device operates over a wide
input voltage range with superior THD (Total Harmonics Distortion).
The output voltage is controlled by means of an error amplifier and a
precise (1% @ TJ = +25°C) internal voltage reference.
The AL6562 is designed to meet stringent energy-saving standards
with low start-up current, and can operate with low current
consumption when entering stand-by mode.
OVP circuitry increases system robustness, allowing the device to
withstand transient caused at start-up and during load-disconnects.
Pin Assignments
SO-8
1
2
3
4
5
6
7
8
(Top View)
COMP
CS
MULT
GD
INV
Vcc
GND
ZCD
AL656 2
(SO-8/ M Package)
Features
Single Stage Fly-Back PFC Controller
Transition Mode Operation
Low Start-Up, Operating and Quiescent Currents
Internal Start-Up Timer
Enable/Disable Function on INV Input
Totem Pole, Push-Pull Output Drive
Adjustable Output Overvoltage Protection
SO-8 : Available in
“Green” Molding Compound (No Br, Sb)
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Applications
Electronic Single-Stage LED Driver
PFC Pre-Regulators to meet IEC61000-3-2
High-End AC-DC Adaptor / Charger
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free,
"Green" and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl)
and <1000ppm antimony compounds.
Typical Applications Circuit
Figure 1 High Power Factor Non-Isolated Constant-Current LED Driver


Similar Part No. - AL65

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AL6562A DIODES-AL6562A Datasheet
693Kb / 16P
Transition Mode PFC LED Controller
Rev 1-2
AL6562AS-13 DIODES-AL6562AS-13 Datasheet
693Kb / 16P
Transition Mode PFC LED Controller
Rev 1-2
More results

Similar Description - AL65

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6563 STMICROELECTRONICS-L6563_07 Datasheet
720Kb / 39P
Advanced transition-mode PFC controller
12-Mar-2007
L6562A_0708 STMICROELECTRONICS-L6562A_0708 Datasheet
547Kb / 26P
Transition-mode PFC controller
07-Aug-2007
logo
Texas Instruments
UCC28050 TI-UCC28050 Datasheet
692Kb / 30P
TRANSITION MODE PFC CONTROLLER
UCC28050 TI1-UCC28050_13 Datasheet
1Mb / 32P
TRANSITION MODE PFC CONTROLLER
logo
STMicroelectronics
L6562 STMICROELECTRONICS-L6562 Datasheet
249Kb / 16P
TRANSITION-MODE PFC CONTROLLER
Nov-2005
L6562AT STMICROELECTRONICS-L6562AT Datasheet
492Kb / 25P
Transition-mode PFC controller
04-Mar-2009
logo
ADTech
ADT6011 ADTECH-ADT6011 Datasheet
264Kb / 5P
Transition Mode PFC controller
logo
Texas Instruments
UCC28050 TI-UCC28050_15 Datasheet
1Mb / 31P
TRANSITION MODE PFC CONTROLLER
logo
Diodes Incorporated
AL6562A DIODES-AL6562A Datasheet
693Kb / 16P
Transition Mode PFC LED Controller
Rev 1-2
logo
Excelliance MOS Corp.
EM8609A EXCELLIANCE-EM8609A Datasheet
161Kb / 6P
Transition Mode PFC Controller for LED Lighting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com