Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AL65 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AL65
Description  Transition Mode PFC LED Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL65 Datasheet(HTML) 3 Page - Diodes Incorporated

  AL65 Datasheet HTML 1Page - Diodes Incorporated AL65 Datasheet HTML 2Page - Diodes Incorporated AL65 Datasheet HTML 3Page - Diodes Incorporated AL65 Datasheet HTML 4Page - Diodes Incorporated AL65 Datasheet HTML 5Page - Diodes Incorporated AL65 Datasheet HTML 6Page - Diodes Incorporated AL65 Datasheet HTML 7Page - Diodes Incorporated AL65 Datasheet HTML 8Page - Diodes Incorporated AL65 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
AL6562
Document Number: DS37542 Rev. 2 - 2
3 of 16
www.diodes.com
February 2015
© Diodes Incorporated
AL6562
Absolute Maximum Ratings (Note 4)
Symbol
Description
Value
Unit
VCC
IC Supply Voltage
Self Limited
V
I
cc
Operating Supply Current
30
mA
VINV,VCOMP,VMULT
Input/Output of Error Amplifier, Input of Multiplier
-0.3 to 7
V
IZCD (Note 5)
Zero Current Detector Max. Current
Source: -50
Sink: 10
mA
mA
ESD(HBM)
ESD (Human Body Model)
3000
V
ESD(MM)
ESD (Machine Model)
200
V
TJ
Junction Temperature Range
-40 to +150
°C
TSTG
Storage Temperature Range
-65 to +150
°C
PTOT
Power Dissipation
0.65
W
RθJA
Thermal Resistance (Junction
– Ambient)
150
°C/W
TLEAD
Lead Temperature (Soldering, 10 sec)
+260
°C
Notes:
4. Stresses greater than the 'Absolute Maximum Ratings' specified above, may cause permanent damage to the device. These are stress ratings only;
functional operation of the device at these or any other conditions exceeding those indicated in this specification is not implied. Device reliability may be
affected by exposure to absolute maximum rating conditions for extended periods of time.
5. Currents flowing into device pins are considered as positive and out of device pins are considered as negative.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com