Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP9211 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # AP9211
Description  SINGLE CHIP SOLUTION FOR 1-CELL Li BATTERY PACK
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP9211 Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button AP9211 Datasheet HTML 2Page - Diodes Incorporated AP9211 Datasheet HTML 3Page - Diodes Incorporated AP9211 Datasheet HTML 4Page - Diodes Incorporated AP9211 Datasheet HTML 5Page - Diodes Incorporated AP9211 Datasheet HTML 6Page - Diodes Incorporated AP9211 Datasheet HTML 7Page - Diodes Incorporated AP9211 Datasheet HTML 8Page - Diodes Incorporated AP9211 Datasheet HTML 9Page - Diodes Incorporated AP9211 Datasheet HTML 10Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
AP9211
Document number: DS37596 Rev. 2 - 2
6 of 17
www.diodes.com
December 2015
© Diodes Incorporated
AP9211
Electrical Characteristics (continued)
(TA = -40°C to +85°C, VDD = 3.5V, VSS = 0V, R1 = 220Ω, R2 = 1.0kΩ, C1 = 100nF, unless otherwise specified)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VCU
Overcharge Detection Voltage
-
VCU
- 0.060
VCU
VCU
+ 0.040
V
VCL
Overcharge Release Voltage
VCL ≠ VCU
VCL
- 0.080
VCL
VCL
+ 0.065
V
VCL = VCU
VCL
- 0.060
VCL
VCL
+ 0.040
V
VDL
Overdischarge Detection Voltage
-
VDL
- 0.080
VDL
VDL
+ 0.080
V
VDU
Overdischarge Release Voltage
VDU ≠ VDL
VDU
- 0.150
VDU
VDU
+ 0.190
V
VDU = VDL
VDU
- 0.080
VDU
VDU
+ 0.080
V
VDOC
Discharge Overcurrent Detection Voltage
-
VDOC
-0.021
VDOC
VDOC
+0.024
V
VSHORT
Load Short-Circuiting Detection Voltage
-
VSHORT
-0.34
VSHORT
VSHORT
+0.34
V
VCOC
Charge Overcurrent Detection Voltage
-
VCOC
-0.040
VCOC
VCOC
+0.040
V
ICC
Current Consumption During Operation
VDD=3.5V
VM=0V
1.0
3.0
7.0
μA
ISTB
Current Consumption at Power Down
VDD =1.8V
VM Pin
Floating
Power Down Mode
-
-
1.0
μA
Without Power Down
Mode (Auto Wake up)
-
-
8
μA
RVMD
Resistance between VM Pin and VDD Pin
VDD=1.8V
VM=0V
100
300
650
kΩ
RVMS
Resistance between VM Pin and VSS Pin
VDD=3.5V
VM=1.0V
5
30
65
kΩ
V0CHA
0V Battery Charge Starting Charge Voltage
0V battery charging
“available”
1.2
-
-
V
V0INH
0V Battery Charge Inhibition Battery Voltage
0V battery charging
“unavailable”
-
-
0.3
V
VOVCHG
Overvoltage Charge Detection Voltage
VDD=3.5V
5.5
8.0
10.5
V
VOVCHGR
Overvoltage Charge Release Voltage
VDD=3.5V
5.0
7.3
9.5
V
tCU
Overcharge Detection Delay Time
-
tCU * 0.6
tCU
tCU * 1.4
ms
tCUR
Overcharge Release Delay Time
-
tCUR * 0.6
tCUR
tCUR * 1.4
ms
tDL
Overdischarge Detection Delay Time
-
tDL * 0.6
tDL
tDL * 1.4
ms
tDLR
Overdischarge Release Delay Time
-
tDLR * 0.6
tDLR
tDLR * 1.4
ms
tDOC
Discharge Overcurrent Detection Delay Time -
tDOC * 0.6
tDOC
tDOC * 1.4
ms
tDOCR
Discharge Overcurrent Release Delay Time
-
tDOCR * 0.6
tDOCR
tDOCR * 1.4
ms
tSHORT
Load Short Detection Delay Time
-
tSHORT * 0.6
tSHORT
tSHORT * 1.4
μs
tCOC
Charge Overcurrent Detection Delay Time
-
tCOC * 0.6
tCOC
tCOC * 1.4
ms
tCOCR
Charge Overcurrent Release Delay Time
-
tCOCR * 0.6
tCOCR
tCOCR * 1.4
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com