Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP9211 Datasheet(PDF) 13 Page - Diodes Incorporated

Part # AP9211
Description  SINGLE CHIP SOLUTION FOR 1-CELL Li BATTERY PACK
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP9211 Datasheet(HTML) 13 Page - Diodes Incorporated

Back Button AP9211 Datasheet HTML 9Page - Diodes Incorporated AP9211 Datasheet HTML 10Page - Diodes Incorporated AP9211 Datasheet HTML 11Page - Diodes Incorporated AP9211 Datasheet HTML 12Page - Diodes Incorporated AP9211 Datasheet HTML 13Page - Diodes Incorporated AP9211 Datasheet HTML 14Page - Diodes Incorporated AP9211 Datasheet HTML 15Page - Diodes Incorporated AP9211 Datasheet HTML 16Page - Diodes Incorporated AP9211 Datasheet HTML 17Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
AP9211
Document number: DS37596 Rev. 2 - 2
13 of 17
www.diodes.com
December 2015
© Diodes Incorporated
AP9211
Ordering Information (Note 9)
AP9211X X - XX - XXX - X
Product Code
Voltage & Delay Time
Combination Code
HAC: U-DFN2030-6
Packing
7: Tape & Reel
Power Down Mode
Blank: Yes
A: No (Auto-wake-up)
Package
S: Standard
RSS(ON)
Part Number
Package Code
Packaging
7” Tape and Reel Quantity
AP9211XX-XX-HAC-7
HAC
U-DFN2030-6
3,000/Tape & Reel
Voltage Combination
Part Number
Overcharge
Detection
Voltage
VCU
Overcharge
Release
Voltage
VCL
Over-
discharge
Detection
Voltage
VDL
Over-
discharge
Release
Voltage
VDU
Discharge
Overcurrent
Detection
Voltage
VDOC
Load Short
Detection
Voltage
VSHORT
Charge
Overurrent
Detection
Voltage
VCOC
Over
Voltage
Charger
Detection
Voltage
VOVCHG
Over
Voltage
Charger
Release
Voltage
VOVCHGR
Power-down
Function
Overcharge
Protection
Mode
Delay
Time
0V Battery
Charge
Function
AP9211XX-AA-HAC-7
4.375V
4.175V
2.500V
2.900V
0.150V
0.700V
-0.150V
8.0V
7.3V
Selectable
Auto Release Option 1
Permission
AP9211XX-AB-HAC-7
4.425V
4.225V
2.500V
2.900V
0.150V
0.700V
-0.150V
8.0V
7.3V
Selectable
Auto Release Option 1
Permission
AP9211XX-AC-HAC-7
4.375V
4.175V
2.500V
2.900V
0.095V
0.700V
-0.095V
8.0V
7.3V
Selectable
Auto Release Option 1
Permission
AP9211XX-AD-HAC-7
4.375V
4.175V
2.500V
2.900V
0.120V
0.700V
-0.120V
8.0V
7.3V
Selectable
Auto Release Option 1
Permission
AP9211XX-AE-HAC-7
4.200V
4.100V
2.500V
3.000V
0.300V
0.550V
-0.100V
8.0V
7.3V
Selectable
Auto Release Option 1
Permission
AP9211XX-AF-HAC-7
4.375V
4.175V
2.500V
2.900V
0.180V
0.700V
-0.180V
8.0V
7.3V
Selectable
Auto Release Option 1
Permission
AP9211XX-AG-HAC-7
4.375V
4.175V
2.500V
2.900V
0.075V
0.700V
-0.075V
8.0V
7.3V
Selectable
Auto Release Option 1
Permission
AP9211XX-AH-HAC-7
4.425V
4.225V
2.500V
2.900V
0.075V
0.700V
-0.075V
8.0V
7.3V
Selectable
Auto Release Option 1
Permission
AP9211XX-AI-HAC-7
4.500V
4.300V
2.400V
2.800V
0.150V
0.700V
-0.075V
8.0V
7.3V
Selectable
Auto Release Option 1
Permission
AP9211XX-AJ-HAC-7
4.375V
4.175 V
2.400V
2.800V
0.125V
0.700V
- 0.125V
8.0V
7.3V
Selectable
Auto Release Option 1
Permission
AP9211XX-AK-HAC-7
4.250V
4.050 V
2.400V
3.000V
0.150V
0.700V
- 0.150V
8.0V
7.3V
Selectable
Auto Release Option 1
Permission
AP9211XX-AL-HAC-7
4.275V
4.175V
2.300V
2.400V
0.180V
0.700V
-0.180V
8.0V
7.3V
Selectable
Auto Release Option 1
Permission
AP9211XX-AM-HAC-7
4.375V
4.175V
2.300V
2.400V
0.180V
0.700V
-0.180V
8.0V
7.3V
Selectable
Auto Release Option 1
Permission
AP9211XX-AN-HAC-7
4.225V
4.025V
3.200V
3.400V
0.060V
0.450V
-0.060V
8.0V
7.3V
Selectable
Auto Release Option 1
Permission
Note:
9. Current voltage versions are built by delay time option 1. If any other voltage versions or delay time option products are needed, please con
tact with the local sale’s office.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com