Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP9211 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AP9211
Description  SINGLE CHIP SOLUTION FOR 1-CELL Li BATTERY PACK
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP9211 Datasheet(HTML) 4 Page - Diodes Incorporated

  AP9211 Datasheet HTML 1Page - Diodes Incorporated AP9211 Datasheet HTML 2Page - Diodes Incorporated AP9211 Datasheet HTML 3Page - Diodes Incorporated AP9211 Datasheet HTML 4Page - Diodes Incorporated AP9211 Datasheet HTML 5Page - Diodes Incorporated AP9211 Datasheet HTML 6Page - Diodes Incorporated AP9211 Datasheet HTML 7Page - Diodes Incorporated AP9211 Datasheet HTML 8Page - Diodes Incorporated AP9211 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
AP9211
Document number: DS37596 Rev. 2 - 2
4 of 17
www.diodes.com
December 2015
© Diodes Incorporated
AP9211
Absolute Maximum Ratings (Notes 5 & 6)
Symbol
Parameter
Rating
Unit
VDS
Supply Voltage (Between VDD and VSS)
-0.3 to 12
V
VDM
Charge Input Voltage
(Between VDD and VM for Protection Chip)
-0.3 to 24
V
VDSS
MOSFET Drain-to-Source Voltage
24
V
VGSS
MOSFET Gate-to-Source Voltage
±12
V
ID
Continuous Drain Current, VGS = 4.5V, TA = +25°C
9.0
A
Continuous Drain Current, VGS = 4.5V, TA = +70°C
7.1
A
PD
Power Dissipation
1,000
mW
TJ
Maximum Junction Temperature
+150
°C
TSTG
Storage Temperature Range
-65 to +150
°C
—
ESD (Machine Model)
300
V
—
ESD (Human Body Model)
3,000
V
Notes:
5. Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings only and
functional operation of the device at these conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect
device reliability.
6. Ratings apply to ambient temperature at +25°C. The JEDEC High-K board design used to derive this data was a 2 inch x 2 inch multilayer board with 2-
ounce internal power and ground planes and 2-ounce copper traces on the top and bottom of the board.
Recommended Operating Conditions
Symbol
Parameter
Min
Max
Unit
VDS
Supply Voltage (Between VDD and VSS)
1.5
5.5
V
VDM
Charge Input Voltage (between VDD and VM)
-0.3
5.5
V
TA
Operating Ambient Temperature
-40
+85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com