Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP9211 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP9211
Description  SINGLE CHIP SOLUTION FOR 1-CELL Li BATTERY PACK
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP9211 Datasheet(HTML) 1 Page - Diodes Incorporated

  AP9211 Datasheet HTML 1Page - Diodes Incorporated AP9211 Datasheet HTML 2Page - Diodes Incorporated AP9211 Datasheet HTML 3Page - Diodes Incorporated AP9211 Datasheet HTML 4Page - Diodes Incorporated AP9211 Datasheet HTML 5Page - Diodes Incorporated AP9211 Datasheet HTML 6Page - Diodes Incorporated AP9211 Datasheet HTML 7Page - Diodes Incorporated AP9211 Datasheet HTML 8Page - Diodes Incorporated AP9211 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
AP9211
Document number: DS37596 Rev. 2 - 2
1 of 17
www.diodes.com
December 2015
© Diodes Incorporated
AP9211
SINGLE CHIP SOLUTION FOR 1-CELL Li+ BATTERY PACK
Description
The AP9211 is a single chip protection solution specially designed for
1-cell Li+ rechargeable battery pack application.
The AP9211 includes a 1-cell Lithium ion battery protection chip and
dual N-CHANNEL MOSFET with common drain.
The AP9211 provides rich battery protection features and can turn-off
the N-CHANNEL MOSFET by detecting overcharge voltage/current,
over discharge voltage/current, or load short circuit. AP9211 has built-
in fixed delay time to save external components.
The AP9211 is available in U-DFN2030-6 package.
Features
High Voltage CMOS Process, up to 30V (VDD to VM)
Low Quiescent Current (+25°C )
 In Normal Mode, 3.0µA (Typ.), 4.5µA (Max.) VDD = 3.5V
 In Power-Down Mode, 0.1µA (Max.)
High-Accuracy Voltage Detection Circuit (+25°C)
 Overcharge Detection Voltage: 3.5V to 4.5V (5mV Steps)
Accuracy ±25mV
 Overcharge Hysteresis Voltage Range: 0.1V to 0.4V (50mV
Steps) Accuracy ±50mV
 Overdischarge Detection Voltage: 2.0V to 3.4V (10mV
Steps) Accuracy ±35mV
 Overdischarge Hysteresis Voltage Range: 0V to 0.7V
(40mV Steps) Accuracy ±65mV
 Discharge Overcurrent Detection Voltage: 0.05V to 0.32V
(10mV Steps) Accuracy ±15mV
 Short Current Detection Voltage: 0.45V to 0.7V (50mV
Steps) Accuracy ±100mV
 Charge Overcurrent Detection Voltage: -0.2V to -0.05V
(10mV Steps) Accuracy ±15mV
 Overcharger Detection Voltage: 8.0V (Fixed) Accuracy ±2V
 Overcharger Release Voltage: 7.3V (Fixed) Accuracy ±2V
Built-in Fixed Detection Delay Time (+25°C ), Accuracy ±20%
Power-Down Mode Selectable (Yes or No)
0V Battery Charge Selectable (Permission or Inhibition)
Overcharge Protection Mode Selectable (Auto Release or Latch)
Totally Lead-free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Pin Assignments
(Top View)
1
2
3
5
4
S1
VSS
VDD
VM
S2
NC
6
EP
U-DFN2030-6
Applications
Li+ Rechargeable Battery Pack
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2.
See http://www.diodes.com/quality/lead_free.html for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.


Similar Part No. - AP9211

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP9214L DIODES-AP9214L Datasheet
689Kb / 17P
SINGLE CHIP SOLUTION FOR 1-CELL Li BATTERY PACK
Rev 1
AP9214L(X)- DIODES-AP9214L(X)- Datasheet
689Kb / 17P
SINGLE CHIP SOLUTION FOR 1-CELL Li BATTERY PACK
Rev 1
More results

Similar Description - AP9211

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ27541 TI-BQ27541 Datasheet
789Kb / 38P
Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27541-V200 TI-BQ27541-V200 Datasheet
679Kb / 41P
Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27541-G1 TI1-BQ27541-G1 Datasheet
659Kb / 46P
Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
logo
Diodes Incorporated
AP9101C DIODES-AP9101C Datasheet
742Kb / 18P
SINGLE CHIP SOLUTION FOR 1-CELL Li BATTERY PACK
AP9214L DIODES-AP9214L Datasheet
689Kb / 17P
SINGLE CHIP SOLUTION FOR 1-CELL Li BATTERY PACK
Rev 1
AP9234L DIODES-AP9234L Datasheet
540Kb / 14P
HIGH ACCURACY SINGLE CHIP SOLUTION FOR 1-CELL Li plus BATTERY PACK
Rev 1
logo
Texas Instruments
BQ27542-G1 TI1-BQ27542-G1 Datasheet
1Mb / 38P
Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
logo
Shenzhen Huazhimei Semi...
HM5407H HMSEMI-HM5407H Datasheet
1Mb / 11P
Single-cell Li-ion/Li-polymer rechargeable battery pack protection chip
HM5452G HMSEMI-HM5452G Datasheet
685Kb / 11P
Single-cell Li-ion/Li-polymer rechargeable battery pack protection chip
logo
Diodes Incorporated
AP9221 DIODES-AP9221 Datasheet
503Kb / 16P
SINGLE CHIP BATTERY PROTECTION SOLUTION FOR 1-CELL Li BATTERY PACK
May 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com