Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP9211 Datasheet(PDF) 14 Page - Diodes Incorporated

Part # AP9211
Description  SINGLE CHIP SOLUTION FOR 1-CELL Li BATTERY PACK
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP9211 Datasheet(HTML) 14 Page - Diodes Incorporated

Back Button AP9211 Datasheet HTML 9Page - Diodes Incorporated AP9211 Datasheet HTML 10Page - Diodes Incorporated AP9211 Datasheet HTML 11Page - Diodes Incorporated AP9211 Datasheet HTML 12Page - Diodes Incorporated AP9211 Datasheet HTML 13Page - Diodes Incorporated AP9211 Datasheet HTML 14Page - Diodes Incorporated AP9211 Datasheet HTML 15Page - Diodes Incorporated AP9211 Datasheet HTML 16Page - Diodes Incorporated AP9211 Datasheet HTML 17Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
AP9211
Document number: DS37596 Rev. 2 - 2
14 of 17
www.diodes.com
December 2015
© Diodes Incorporated
AP9211
Ordering Information (Note 7, continued)
AP9211 Delay Time Combination
Part Number
Overcharge
Detection
Delay Time
tCU
Overcharge
Release
Delay Time
tCUR
Overdischarge
Detection
Delay Time
tDL
Overdischarge
Release Delay
Time
tDLR
Discharge
Overcurrent
Detection
Delay Time
tDOC
Discharge
Overcurrent
Release
Delay Time
tDOCR
Charge
Overcurrent
Detection
Delay Time
tCOC
Charge
Overcurrent
Release
Delay Time
tCOCR
Load Short
Detection
Delay Time
tSHORT
AP9211XX-XX-HAC-7
1.0s
2.0ms
115ms
2.0ms
10.0ms
2.0ms
10.0ms
2.0ms
360µs
Other Delay Time Combination Table (Optional)
Delay Time Option
Overcharge
Detection Delay
Time (tCU)
Overdischarge
Detection Delay
Time (tDL)
Discharge Over
Current Detection
Delay Time (tDOC)
Charge Over
Current Detection
Delay Time (tCOC)
Load Short Circuiting
Detection Delay Time
(tSHORT)
1
1s
115ms
10ms
10ms
360µs
2
125ms
32ms
8ms
8ms
180µs
3
1s
20ms
12ms
10ms
360µs
4
1s
42ms
10ms
10ms
360µs
5
1s
115ms
10ms
10ms
180µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com