Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM8014 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # PAM8014
Description  3.2W MONO CLASS D AUDIO AMPLIFIER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM8014 Datasheet(HTML) 5 Page - Diodes Incorporated

  PAM8014 Datasheet HTML 1Page - Diodes Incorporated PAM8014 Datasheet HTML 2Page - Diodes Incorporated PAM8014 Datasheet HTML 3Page - Diodes Incorporated PAM8014 Datasheet HTML 4Page - Diodes Incorporated PAM8014 Datasheet HTML 5Page - Diodes Incorporated PAM8014 Datasheet HTML 6Page - Diodes Incorporated PAM8014 Datasheet HTML 7Page - Diodes Incorporated PAM8014 Datasheet HTML 8Page - Diodes Incorporated PAM8014 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
PAM8014
Document number: DS38114 Rev. 1 - 2
5 of 9
www.diodes.com
January 2016
© Diodes Incorporated
Performance Characteristics (@TA = +25°C, VDD = 5V, RIN = 0, Gain = 18dB, RL = L(33μH)+R+L(33μH), unless otherwise
specified.)
PSRR vs. Frequency (VDD=5.0V, RL=4Ω)
PSRR vs. Frequency (VDD=5.0V, RL=8Ω)
Frequency Response
Noise Floor
Efficiency vs. Output Power (VDD=5.0V, RL=4Ω)
Efficiency vs. Output Power (VDD=5.0V, RL=8Ω)
-100
+0
-90
-80
-70
-60
-50
-40
-30
-20
-10
d
B
20
20k
50
100
200
500
1k
2k
5k
10k
Hz
-100
+0
-90
-80
-70
-60
-50
-40
-30
-20
-10
d
B
20
20k
50
100
200
500
1k
2k
5k
10k
Hz
+15
+20
+15.25
+15.5
+15.75
+16
+16.25
+16.5
+16.75
+17
+17.25
+17.5
+17.75
+18
+18.25
+18.5
+18.75
+19
+19.25
+19.5
+19.75
d
B
r
A
20
20k
50
100
200
500
1k
2k
5k
10k
Hz
CIN=1μF
-120
+0
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
d
B
r
A
20
20k
50
100
200
500
1k
2k
5k
10k
Hz
0
10
20
30
40
50
60
70
80
90
100
10
50
100 300 500 700 1000 1300 2000 3000
0
20
40
60
80
100
%
Output Power--mW
Output Power--mW
%



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com