Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM8014 Datasheet(PDF) 7 Page - Diodes Incorporated

Part # PAM8014
Description  3.2W MONO CLASS D AUDIO AMPLIFIER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM8014 Datasheet(HTML) 7 Page - Diodes Incorporated

  PAM8014 Datasheet HTML 1Page - Diodes Incorporated PAM8014 Datasheet HTML 2Page - Diodes Incorporated PAM8014 Datasheet HTML 3Page - Diodes Incorporated PAM8014 Datasheet HTML 4Page - Diodes Incorporated PAM8014 Datasheet HTML 5Page - Diodes Incorporated PAM8014 Datasheet HTML 6Page - Diodes Incorporated PAM8014 Datasheet HTML 7Page - Diodes Incorporated PAM8014 Datasheet HTML 8Page - Diodes Incorporated PAM8014 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
PAM8014
Document number: DS38114 Rev. 1 - 2
7 of 9
www.diodes.com
January 2016
© Diodes Incorporated
Application Information (Cont.)
Shutdown Operation
In order to reduce power consumption while not in use, the PAM8014 contains shutdown circuitry amplifier off when logic low is placed on the EN
pin. By switching the shutdown pin connected to GND, the PAM8014 supply current draw will be minimized in idle mode.
Under Voltage Lock-out (UVLO)
The PAM8014 incorporates circuitry designed to detect low supply voltage. When the supply voltage drops to 2.0V or below, the PAM8014 goes
into a state of shutdown, and the device comes out of its shutdown state and restore to normal function only when VDD higher than 2.2V.
Short Circuit Protection (SCP)
The PAM8014 has short circuit protection circuitry on the outputs to prevent the device from damage when output-to-output shorts or output-to-
GND shorts occur. When a short circuit occurs, the device immediately goes into shutdown state. Once the short is removed, the device will be
reactivated.
Over Temperature Protection (OTP)
Thermal protection on the PAM8014 prevents the device from damage when the internal die temperature exceeds +150°C. There is a +15°C
tolerance on this trip point from device to device. Once the die temperature exceeds the set point, the device will enter the shutdown state and the
outputs are disabled. This is not a latched fault. The thermal fault is cleared once the temperature of the die decreased by +40°C. This large
hysteresis will prevent motor boating sound well and the device begins normal operation at this point with no external system interaction.
POP and Click Circuitry
The PAM8014 contains circuitry to minimize turn-on and turn-
off transients or “click and pops”, where turn-on refers to either power supply turn-on
or device recover from shutdown mode. When the device is turned on, the amplifiers are internally muted. An internal current source ramps up the
internal reference voltage. The device will remain in mute mode until the reference voltage reach half supply voltage, 1/2 VDD. As soon as the
reference voltage is stable, the device will begin full operation. For the best power-off pop performance, the amplifier should be set in shutdown
mode prior to removing the power supply voltage.
Ordering Information (Note 4)
PAM8014 X X X
A: 9 Pin
Z: U-WLB1313-9
R: Tape & Reel
Part Number
Package
7
” Tape and Reel
Quantity
Part Number Suffix
PAM8014AZR
U-WLB1313-9
3000/Tape & Reel
-7
Note:
4. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Package
Packing
Pin Configuration



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com