Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM8014 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # PAM8014
Description  3.2W MONO CLASS D AUDIO AMPLIFIER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM8014 Datasheet(HTML) 1 Page - Diodes Incorporated

  PAM8014 Datasheet HTML 1Page - Diodes Incorporated PAM8014 Datasheet HTML 2Page - Diodes Incorporated PAM8014 Datasheet HTML 3Page - Diodes Incorporated PAM8014 Datasheet HTML 4Page - Diodes Incorporated PAM8014 Datasheet HTML 5Page - Diodes Incorporated PAM8014 Datasheet HTML 6Page - Diodes Incorporated PAM8014 Datasheet HTML 7Page - Diodes Incorporated PAM8014 Datasheet HTML 8Page - Diodes Incorporated PAM8014 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
PAM8014
Document number: DS38114 Rev. 1 - 2
1 of 9
www.diodes.com
January 2016
© Diodes Incorporated
3.2W MONO CLASS D AUDIO AMPLIFIER
Description
The PAM8014 is a 3.2W mono filter-less class-D amplifier with high
PSRR and differential input that eliminate noise and RF rectification.
Features like greater than 90% efficiency and small PCB area make
the PAM8014 Class-D amplifier ideal for portable applications. The
output uses a filter-less architecture minimizing the number of
external components and PCB area whilst providing a high
performance, simple and lower cost system.
The PAM8014 features short circuit protection and thermal shutdown.
The PAM8014 is available in U-WLB1313-9 package.
Features
Ultra Low EMI, -20dB Better Than FCC Class-B @ 300MHz
High Efficiency up to 93% @2W with a
8Ω Speaker
Shutdown Current <1μA
3.2
W@10% THD Output with a 4Ω Load at 5V Supply
Demanding Few External Components
Superior Low Noise without Input
Supply Voltage from 2.5V to 5.5 V
Short Circuit Protection
Thermal Shutdown
Available in Space Saving U-WLB1313-9 Package
Totally Lead-Free&Fully RoHS Compliant (Notes 1& 2)
H
alogen and Antimony Free. “Green” Device (Note 3)
Pin Assignments
(Top View)
IN+
GND
OUT-
VDD
PVDD
PGND
A1
A2
A3
B1
B2
B3
IN-
SD
OUT+
C1
C2
C3
U-WLB1313-9
Applications
Cellular Phones/Smart Phones
MP4/MP3
VOIP
Digital Photo Frame
Electronic Dictionary
Portable Game Machines
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
Typical Applications Circuit
PVDD
VDD
OUT+
OUT-
PGND
GND
SD
IN-
IN+
Audio Input
1µF
0.1µF
0.1µF
VDD
Shut Down
PAM8014


Similar Part No. - PAM8014

ManufacturerPart #DatasheetDescription
logo
Power Analog Micoelectr...
PAM8010 PAM-PAM8010 Datasheet
1Mb / 17P
3W Stereo Class-D with DC Volume, Headphone and Power Limit
logo
Diodes Incorporated
PAM8010 DIODES-PAM8010 Datasheet
574Kb / 17P
3W STEREO CLASS-D DC VOLUME, HEADPHONE and POWER LIMIT
Rev 1
logo
Power Analog Micoelectr...
PAM8010DHR PAM-PAM8010DHR Datasheet
1Mb / 17P
3W Stereo Class-D with DC Volume, Headphone and Power Limit
logo
Diodes Incorporated
PAM8010DHR DIODES-PAM8010DHR Datasheet
574Kb / 17P
3W STEREO CLASS-D DC VOLUME, HEADPHONE and POWER LIMIT
Rev 1
logo
Power Analog Micoelectr...
PAM8010NHR PAM-PAM8010NHR Datasheet
1Mb / 17P
3W Stereo Class-D with DC Volume, Headphone and Power Limit
More results

Similar Description - PAM8014

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX98314_1111 MAXIM-MAX98314_1111 Datasheet
2Mb / 14P
Mono 3.2W Class D Amplifier with Integrated Input Coupling Capacitors
Rev 0; 11/11
logo
Texas Instruments
TPA2011D1 TI1-TPA2011D1_12 Datasheet
840Kb / 24P
3.2W Mono Filter-Free Class-D Audio Power Amplifier
TAS2555 TI1-TAS2555 Datasheet
879Kb / 12P
Class-D Mono Audio Amplifier
TPA2028D1 TI1-TPA2028D1 Datasheet
2Mb / 43P
Mono Class-D Audio Amplifier
logo
Diodes Incorporated
PAM8304 DIODES-PAM8304 Datasheet
413Kb / 11P
3W MONO CLASS D AUDIO AMPLIFIER
Rev 1
PAM8320 DIODES-PAM8320 Datasheet
640Kb / 11P
20W Mono Class D Audio Amplifier
Rev 1
logo
List of Unclassifed Man...
NAU82039 ETC2-NAU82039 Datasheet
788Kb / 18P
3.2W Mono Filter-Free Class-D Audio Amplifier
logo
Diodes Incorporated
PAM8301 DIODES-PAM8301 Datasheet
287Kb / 10P
FILTERLESS CLASS-D MONO AUDIO AMPLIFIER
Rev 1
logo
Nuvoton Technology Corp...
NAU82039 NUVOTON-NAU82039 Datasheet
788Kb / 18P
3.2W Mono Filter-Free Class-D Audio Amplifier
logo
Princeton Technology Co...
PT3300 PTC-PT3300 Datasheet
140Kb / 4P
3.2W Class-F Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com