Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM8014 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # PAM8014
Description  3.2W MONO CLASS D AUDIO AMPLIFIER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM8014 Datasheet(HTML) 4 Page - Diodes Incorporated

  PAM8014 Datasheet HTML 1Page - Diodes Incorporated PAM8014 Datasheet HTML 2Page - Diodes Incorporated PAM8014 Datasheet HTML 3Page - Diodes Incorporated PAM8014 Datasheet HTML 4Page - Diodes Incorporated PAM8014 Datasheet HTML 5Page - Diodes Incorporated PAM8014 Datasheet HTML 6Page - Diodes Incorporated PAM8014 Datasheet HTML 7Page - Diodes Incorporated PAM8014 Datasheet HTML 8Page - Diodes Incorporated PAM8014 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
PAM8014
Document number: DS38114 Rev. 1 - 2
4 of 9
www.diodes.com
January 2016
© Diodes Incorporated
Performance Characteristics (@TA = +25°C, VDD = 5V, R
IN = 0, Gain = 18dB, RL = L(33μH)+R+L(33μH), unless otherwise
specified.)
THD+N vs. Output Power (VDD=5V, RL=4Ω)
THD+N vs. Output Power (VDD=5V, RL=8Ω)
THD+N vs. Output Power (VDD=3.6V, RL=4Ω)
THD+N vs. Output Power (VDD=3.6V, RL=8Ω)
THD+N vs. Frequency (VDD=5.0V, RL=4Ω)
THD+N vs. Frequency (VDD=5.0V, RL=8Ω)
0.01
60
0.02
0.05
0.1
0.2
0.5
1
2
5
10
20
%
1m
5
2m
5m
10m
20m
50m
100m
200m
500m
1
2
W
f=100Hz /1KHz/10KHz
Red/Blue/Pink
0.01
60
0.02
0.05
0.1
0.2
0.5
1
2
5
10
20
%
1m
3
2m
5m
10m
20m
50m
100m
200m
500m
1
2
W
f=100Hz /1KHz/10KHz
Red/Blue/Pink
0.01
60
0.02
0.05
0.1
0.2
0.5
1
2
5
10
20
%
1m
5
2m
5m
10m
20m
50m
100m
200m
500m
1
2
W
f=100Hz /1KHz/10KHz
Red/Blue/Pink
0.01
60
0.02
0.05
0.1
0.2
0.5
1
2
5
10
20
%
1m
3
2m
5m
10m
20m
50m
100m
200m
500m
1
2
W
0.02
10
0.05
0.1
0.2
0.5
1
2
5
%
20
20k
50
100
200
500
1k
2k
5k
10k
Hz
f=100Hz /1KHz/10KHz
Red/Blue/Pink
0.02
10
0.05
0.1
0.2
0.5
1
2
5
%
20
20k
50
100
200
500
1k
2k
5k
10k
Hz
PO=0.5W /1W/2W
Red/Blue/Pink
PO=0.3W /0.5W/1W
Red/Blue/Pink



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com