Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM8014 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # PAM8014
Description  3.2W MONO CLASS D AUDIO AMPLIFIER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM8014 Datasheet(HTML) 3 Page - Diodes Incorporated

  PAM8014 Datasheet HTML 1Page - Diodes Incorporated PAM8014 Datasheet HTML 2Page - Diodes Incorporated PAM8014 Datasheet HTML 3Page - Diodes Incorporated PAM8014 Datasheet HTML 4Page - Diodes Incorporated PAM8014 Datasheet HTML 5Page - Diodes Incorporated PAM8014 Datasheet HTML 6Page - Diodes Incorporated PAM8014 Datasheet HTML 7Page - Diodes Incorporated PAM8014 Datasheet HTML 8Page - Diodes Incorporated PAM8014 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
PAM8014
Document number: DS38114 Rev. 1 - 2
3 of 9
www.diodes.com
January 2016
© Diodes Incorporated
Electrical Characteristics (@TA = +25°C, VDD = 5V, RIN = 0, Gain=18dB, RL = L(33μH)+R+L(33μH), unless otherwise specified.)
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VDD
Supply Voltage
—
2.5
—
5.5
V
PO
Output Power
THD+N = 10%, f = 1kHz, R = 4Ω
VDD = 5.0V
—
3.2
—
W
VDD = 3.6V
—
1.6
—
THD+N = 1%, f = 1kHz, R = 4Ω
VDD = 5.0V
—
2.45
—
W
VDD = 3.6V
—
1.3
—
THD+N = 10%, f = 1kHz, R = 8Ω
VDD = 5.0V
—
1.8
—
W
VDD = 3.6V
—
0.95
—
THD+N = 1%, f = 1kHz, R = 8Ω
VDD = 5.0V
—
1.40
—
W
VDD = 3.6V
—
0.72
—
THD+N
Total Harmonic
Distortion Plus
Noise
VDD = 5.0V, PO = 1W, R = 8Ω
f = 1kHz
—
0.17
—
%
VDD = 3.6V, PO = 0.1W, R = 8Ω
—
0.16
—
VDD = 5.0V, PO = 0.5W, R = 4Ω
f = 1kHz
—
0.14
—
%
VDD = 3.6V, PO = 0.2W, R = 4Ω
—
0.16
—
PSRR
Power Supply Ripple
Rejection
VDD = 3.6V, Input AC-ground with
C = 1μF
f = 217Hz
—
-75
—
dB
f = 1kHz
—
-75
—
Dyn
Dynamic Range
VDD = 5V, THD = 1%, R = 8Ω
f = 1kHz
—
95
—
dB
VN
Output Noise
Input AC-ground
No A
weighting
—
60
—
μV
A-weighting
—
40
—
η
Efficiency
RL = 8Ω, THD = 10%
f = 1kHz
—
93
—
%
RL = 4Ω, THD = 10%
—
86
—
IQ
Quiescent Current
VDD = 5V
No Load
—
4
—
mA
ISD
Shutdown Current
VDD = 2.5V to 5V
SD = 0V
—
—
1
μA
RDS(ON)
Static Drain-to-Source
On-State Resistor
High Side PMOS, I = 500mA
VDD = 5.0V
—
200
—
mΩ
Low Side NMOS, I = 500mA
VDD = 5.0V
—
200
—
mΩ
fSW
Switching Frequency
VDD = 2.5V to 5.5V
—
—
250
—
kHz
Gv
Closed-Loop Gain
VDD = 2.5V to 5.5V
—
—
8
—
V/V
RIN
Input Impedance (In
Chip)
VDD = 2.5V to 5.5V
—
—
31
—
KΩ
tON
Turn-on Time
VDD = 2.5V to 5.5V
—
—
32
—
ms
OTP
Over Temperature
Protection
VDD = 2.5V to 5.5V
—
—
+150
—
℃
OTH
Over Temperature
Hysterisis
VDD = 2.5V to 5.5V
—
—
+40
—
VOS
Output Offset Voltage
Input AC-ground, VDD = 5V
—
—
—
20
mV
VIH
EN Input High Voltage
VDD = 5V
—
1.4
—
—
V
VIL
EN Input Low Voltage
VDD = 5V
—
—
—
1.0



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com