Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM3598-RTR Datasheet(PDF) 52 Page - Silicon Laboratories

Part # EM3598-RTR
Description  High-Performance, Integrated ZigBee
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM3598-RTR Datasheet(HTML) 52 Page - Silicon Laboratories

Back Button EM3598-RTR Datasheet HTML 48Page - Silicon Laboratories EM3598-RTR Datasheet HTML 49Page - Silicon Laboratories EM3598-RTR Datasheet HTML 50Page - Silicon Laboratories EM3598-RTR Datasheet HTML 51Page - Silicon Laboratories EM3598-RTR Datasheet HTML 52Page - Silicon Laboratories EM3598-RTR Datasheet HTML 53Page - Silicon Laboratories EM3598-RTR Datasheet HTML 54Page - Silicon Laboratories EM3598-RTR Datasheet HTML 55Page - Silicon Laboratories EM3598-RTR Datasheet HTML 56Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 59 page
background image
EM359x
52
Rev 1.0
51
PB6
I/O
High
current
Digital I/O
ADC1
Analog
ADC Input 1
Enable analog function with GPIO_PBCFGH[11:8]
IRQB
I
External interrupt source B
TIM1C1
O
Timer 1 channel 1 output
Enable timer output in TIM1_CCER
Select alternate output function with GPIO_PBCFGH[11:8]
TIM1C1
I
Timer 1 channel 1 input
Cannot be remapped
52
PB5
I/O
Digital I/O
ADC0
Analog
ADC Input 0
Enable analog function with GPIO_PBCFGH[7:4]
TIM2CLK
I
Timer 2 external clock input
TIM1MSK
I
Timer 1 external clock mask input
53
VDD_CORE
Power
1.25 V digital core supply decoupling
54
VDD_PRE
Power
1.8 V prescaler supply
55
VDD_SYNTH
Power
1.8 V synthesizer supply
56
OSCB
I/O
24 MHz crystal oscillator or left open when using external clock input on
OSCA
57
GND
Ground
Ground supply pad in the bottom center of the package forms Pin 57. See
the various Ember EM359x Reference Design documentation for PCB con-
siderations.
Table 6.1. EM359x Pin Descriptions (Continued)
Pin #
Signal
Direction
Description
Note:
1.
IRQC and IRQD external interrupts can be mapped to any digital I/O pin using the GPIO_IRQCSEL and
GPIO_IRQDSEL registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com