Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM3598-RTR Datasheet(PDF) 33 Page - Silicon Laboratories

Part # EM3598-RTR
Description  High-Performance, Integrated ZigBee
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM3598-RTR Datasheet(HTML) 33 Page - Silicon Laboratories

Back Button EM3598-RTR Datasheet HTML 29Page - Silicon Laboratories EM3598-RTR Datasheet HTML 30Page - Silicon Laboratories EM3598-RTR Datasheet HTML 31Page - Silicon Laboratories EM3598-RTR Datasheet HTML 32Page - Silicon Laboratories EM3598-RTR Datasheet HTML 33Page - Silicon Laboratories EM3598-RTR Datasheet HTML 34Page - Silicon Laboratories EM3598-RTR Datasheet HTML 35Page - Silicon Laboratories EM3598-RTR Datasheet HTML 36Page - Silicon Laboratories EM3598-RTR Datasheet HTML 37Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 59 page
background image
EM359x
Rev 1.0
33

Compatible with Philips’ I2C-bus slave devices
The SC1 and SC3 UART supports the following features:

Flexible baud rate clock (300 bps to 921.6 kbps)

Data bits (7 or 8)

Parity bits (none, odd, or even)

Stop bits (1 or 2)

False start bit and noise filtering

Receive and transmit FIFOs

Optional RTS/CTS flow control

Receive and transmit DMA channels
Receive and transmit FIFOs allow faster data speeds using byte-at-a-time interrupts. For the highest SPI and
UART speeds, dedicated receive and transmit DMA channels reduce CPU loading and extend the allowable time
to service a serial controller interrupt.
Refer to chapter 8 in the Ember EM359x Reference Manual for more information.
4.6.3. USB
It supports up to six endpoints (in addition to the control endpoint 0). There are five endpoints that can be used as
either interrupt or bulk and one isochronous endpoint.
The USB peripheral is interfaced to the CPU through memory mapped registers for control, and DMA for data. The
USB device generates its own 48 MHz internal clock from the main 24 MHz crystal clock.
The EM359x, where applicable, fully supports USB suspend and resume modes, and meets the USB specification
suspend current of <2.5mA. It achieves this by switching the chip to run from a divided down version of the system
clock.
Refer to chapter 9 in the Ember EM359x Reference Manual for more information.
4.6.4. General Purpose Timers
Each of the EM359x’s two general-purpose timers consists of a 16-bit auto-reload counter driven by a
programmable prescaler. They may be used for a variety of purposes, including measuring the pulse lengths of
input signals (input capture) or generating output waveforms (output compare and PWM). Pulse lengths and
waveform periods can be modulated from a few microseconds to several milliseconds using the timer prescaler.
The timers are completely independent, and do not share any resources. They can be synchronized together.
The two general-purpose timers, TIM1 and TIM2, have the following features:

16-bit up, down, or up/down auto-reload counter.

Programmable prescaler to divide the counter clock by any power of two from 1 through 32768.

4 independent channels for:

Input capture

Output compare

PWM generation (edge- and center-aligned mode)

One-pulse mode output

Synchronization circuit to control the timer with external signals and to interconnect the timers.

Flexible clock source selection:

Peripheral clock (PCLK at 6 or 12 MHz)

32.768 kHz external clock (if available)

1 kHz clock

GPIO input

Interrupt generation on the following events:

Update: counter overflow/underflow, counter initialization (software or internal/external trigger)

Trigger event (counter start, stop, initialization or count by internal/external trigger)

Input capture

Output compare



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com