Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM3598-RTR Datasheet(PDF) 54 Page - Silicon Laboratories

Part # EM3598-RTR
Description  High-Performance, Integrated ZigBee
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM3598-RTR Datasheet(HTML) 54 Page - Silicon Laboratories

Back Button EM3598-RTR Datasheet HTML 50Page - Silicon Laboratories EM3598-RTR Datasheet HTML 51Page - Silicon Laboratories EM3598-RTR Datasheet HTML 52Page - Silicon Laboratories EM3598-RTR Datasheet HTML 53Page - Silicon Laboratories EM3598-RTR Datasheet HTML 54Page - Silicon Laboratories EM3598-RTR Datasheet HTML 55Page - Silicon Laboratories EM3598-RTR Datasheet HTML 56Page - Silicon Laboratories EM3598-RTR Datasheet HTML 57Page - Silicon Laboratories EM3598-RTR Datasheet HTML 58Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 59 page
background image
EM359x
54
Rev 1.0
Table 6.2. Package Dimensions
Dimension
Min
Nom
Max
A
0.80
0.85
0.90
A1
0.00
0.02
0.05
A2
—
0.65
0.67
A3
0.203 REF
b
0.18
0.25
0.30
D
8.00 BSC
e
0.50 BSC
E
8.00 BSC
J
5.95
6.02
6.15
K
5.95
6.02
6.15
L
0.35
0.40
0.45
aaa
0.1
bbb
0.1
ccc
0.08
ddd
0.1
eee
0.1
Notes:
1.
All dimensions shown are in millimeters (mm) unless
otherwise noted.
2.
Dimensioning and Tolerancing per ANSI Y14.5M-1994.
3.
This drawing conforms to the JEDEC Solid State Outline
MO-220.
4.
Recommended card reflow profile is per the JEDEC/IPC
J-STD-020 specification for Small Body Components.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com