Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM3598-RTR Datasheet(PDF) 28 Page - Silicon Laboratories

Part # EM3598-RTR
Description  High-Performance, Integrated ZigBee
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM3598-RTR Datasheet(HTML) 28 Page - Silicon Laboratories

Back Button EM3598-RTR Datasheet HTML 24Page - Silicon Laboratories EM3598-RTR Datasheet HTML 25Page - Silicon Laboratories EM3598-RTR Datasheet HTML 26Page - Silicon Laboratories EM3598-RTR Datasheet HTML 27Page - Silicon Laboratories EM3598-RTR Datasheet HTML 28Page - Silicon Laboratories EM3598-RTR Datasheet HTML 29Page - Silicon Laboratories EM3598-RTR Datasheet HTML 30Page - Silicon Laboratories EM3598-RTR Datasheet HTML 31Page - Silicon Laboratories EM3598-RTR Datasheet HTML 32Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 59 page
background image
EM359x
28
Rev 1.0
The EM359x integrates an ARM® CortexTM-M3 microprocessor, revision r1p1. This industry-leading core provides
32-bit performance and is very power-efficient. It has excellent code density using the ARM® Thumb-2 instruction
set. The processor can be operated at 12 or 24 MHz when using the high-frequency crystal oscillator, or at 6 MHz
or 12 MHz when using the high-frequency internal RC oscillator.
EM359x parts have either 256 or 512 kB of flash memory and either 32 or 64 kB of RAM on-chip, and the ARM
configurable memory protection unit (MPU).
The EM359x implements both the ARM Serial Wire and JTAG debug interfaces. These interfaces provide real
time, non-intrusive programming and debugging capabilities. Serial Wire and JTAG provide the same functionality,
but are mutually exclusive. The Serial Wire interface uses two pins; the JTAG interface uses five. Serial Wire is
preferred, since it uses fewer pins.
The EM359x contains the ARM® Embedded Trace Macrocell (ETM) to provide advanced real time software
debugging features for complex systems.
The EM359x contains 32 GPIO pins shared with other peripheral or alternate functions. Because of flexible routing
within the EM359x, external devices can use the alternate functions on a variety of different GPIOs. The integrated
serial controllers SC1 and SC3 can be configured for SPI (master or slave), TWI (master-only), or UART operation,
and the serial controllers SC2 and SC4 can be configured for SPI (master or slave) or TWI (master-only) operation.
The EM359x has an optional integrated USB 2.0-compliant, full-speed (12 Mbps) device peripheral, with an on-
chip transceiver. It is available on GPIO pins.
The EM359x has a general purpose ADC which can sample analog signals from six GPIO pins in single-ended or
differential modes. It can also sample the 1.8 V regulated supply VDD_PADSA, the voltage reference VREF, and
GND. The ADC has one voltage range: 0 V to 1.2 V (normal). The ADC has a DMA mode to capture samples and
automatically transfer them into RAM. The integrated voltage reference for the ADC, VREF, can be made available
to external circuitry. An external voltage reference can also be driven into the ADC. The regulator input voltage,
VDD_PADS, cannot be measured using the general purpose ADC, but it can be measured through Ember
software.
The EM359x contains four oscillators: a high-frequency 24 MHz external crystal oscillator, a high-frequency 12
MHz internal RC oscillator, an optional low-frequency 32.768 kHz external crystal oscillator, and a low-frequency
10 kHz internal RC oscillator.
The EM359x has an ultra low power, deep sleep state with a choice of clocking modes. The sleep timer can be
clocked with either the external 32.768 kHz crystal oscillator or with a 1 kHz clock derived from the internal 10 kHz
RC oscillator. Alternatively, all clocks can be disabled for the lowest power mode. In the lowest power mode, only
external events on GPIO pins will wake up the chip. The EM359x has a fast startup time (typically 110 µs) from
deep sleep to the execution of the first ARM® CortexTM-M3 instruction.
The EM359x contains three power domains. The always-on high voltage supply powers the GPIO pads and critical
chip functions. Regulated low voltage supplies power the rest of the chip. The low voltage supplies are disabled
during deep sleep to reduce power consumption. Integrated voltage regulators generate regulated 1.25 V and 1.8
V voltages from an unregulated supply voltage. The 1.8 V regulator output is decoupled and routed externally to
supply analog blocks, RAM, and flash memories. The 1.25 V regulator output is decoupled externally and supplies
the core logic.
The following sections summarize features of the EM359x that are addressed in more detail in the Ember EM359x
Reference Manual
.
4.1. Microprocessor and Memory
Refer to chapter 2 in the Ember EM359x Reference Manual for more information.
4.1.1. ARM® Cortex™-M3 Microprocessor
The EM359x integrates the ARM® CortexTM-M3 microprocessor, revision r1p1, developed by ARM Ltd., making
the EM359x a true System-on-Chip solution. The ARM® CortexTM-M3 is an advanced 32-bit modified Harvard
architecture processor that has separate internal program and data buses, but presents a unified program and data
address space to software.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com