Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM3598-RTR Datasheet(PDF) 29 Page - Silicon Laboratories

Part # EM3598-RTR
Description  High-Performance, Integrated ZigBee
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM3598-RTR Datasheet(HTML) 29 Page - Silicon Laboratories

Back Button EM3598-RTR Datasheet HTML 25Page - Silicon Laboratories EM3598-RTR Datasheet HTML 26Page - Silicon Laboratories EM3598-RTR Datasheet HTML 27Page - Silicon Laboratories EM3598-RTR Datasheet HTML 28Page - Silicon Laboratories EM3598-RTR Datasheet HTML 29Page - Silicon Laboratories EM3598-RTR Datasheet HTML 30Page - Silicon Laboratories EM3598-RTR Datasheet HTML 31Page - Silicon Laboratories EM3598-RTR Datasheet HTML 32Page - Silicon Laboratories EM3598-RTR Datasheet HTML 33Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 59 page
background image
EM359x
Rev 1.0
29
4.1.2. Embedded Memory
Embedded memory consists of flash memory and RAM.
The EM359x provides a total of either 256 or 512 kB of flash memory (256 kB for EM3591/2 and 512 kB for
EM3595/6/7/8). The flash memory is provided in three separate blocks:

Main Flash Block (MFB)

Fixed Information Block (FIB)

Customer Information Block (CIB)
The EM359x has either 32 or 64 kB of static RAM on-chip (32 kB for EM3591/2/5/6 and 64 kB for EM3597/8).
Although the ARM® CortexTM-M3 allows bit band accesses to this address region, the standard MPU configuration
does not permit use of the bit-band feature. The RAM is physically connected to the AHB System bus and is
therefore accessible to both the ARM® CortexTM-M3 microprocessor and the debugger. The radio (802.15.4-2003
MAC), general purpose ADC, USB device controller, and the four serial controllers are equipped with DMA
controllers, which allow them to transfer data into and out of RAM autonomously.
4.2. Interrupt System
The EM359x’s interrupt system is composed of two parts: a standard ARM® CortexTM-M3 Nested Vectored
Interrupt Controller (NVIC) that provides top-level interrupts, and a proprietary Event Manager (EM) that provides
second-level interrupts. The NVIC and EM provide a simple hierarchy. All second-level interrupts from the EM feed
into top-level interrupts in the NVIC. This two-level hierarchy allows for both fine granular control of interrupt
sources and coarse granular control over entire peripherals, while allowing peripherals to have their own interrupt
vector.
Refer to chapter 3 in the Ember EM359x Reference Manual for more information.
4.2.1. Nested Vectored Interrupt Controller (NVIC)
The ARM® CortexTM-M3 Nested Vectored Interrupt Controller (NVIC) facilitates low-latency exception and interrupt
handling. The NVIC and the processor core interface are closely coupled, which enables low-latency interrupt
processing and efficient processing of late-arriving interrupts. The NVIC maintains knowledge of the stacked
(nested) interrupts to enable tail-chaining of interrupts. The NVIC also contains a software-configurable interrupt
prioritization mechanism.
4.2.2. Event Manager
The proprietary Event Manager provides second-level interrupts. The Event Manager takes a large variety of
hardware interrupt sources from the peripherals and merges them into a smaller group of interrupts in the NVIC.
Effectively, all second-level interrupts from a peripheral are “OR’d” together into a single interrupt in the NVIC. In
addition, the Event Manager provides missed indicators for the top-level peripheral interrupts with the register
INT_MISS.
4.2.3. Memory Protection Unit
The EM359x includes the ARM® CortexTM-M3 Memory Protection Unit, or MPU. The MPU controls access rights
and characteristics of up to eight address regions, each of which may be divided into eight equal sub-regions.
Refer to the ARM® CortexTM-M3 Technical Reference Manual (DDI 0337A) for a detailed description of the MPU.
4.3. Radio Module
The radio module consists of an analog front end and digital baseband.
Refer to chapter 4 in the Ember EM359x Reference Manual for more information.
4.3.1. Receive (Rx) Path
The EM359x Rx path uses a low-IF, super-heterodyne receiver that rejects the image frequency using complex
mixing and polyphase filtering. The filtering within the Rx path improves the EM359x’s co-existence with other 2.4
GHz transceivers such as Zigbee/ 802.15.4-2003, IEEE 802.11-2007, and Bluetooth radios. The digital baseband
also provides gain control of the Rx path, both to enable the reception of small and large wanted signals and to
tolerate large interferers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com