Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1290ACBZ-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # ADP1290ACBZ-R7
Description  12 V, 2 A Logic Controlled High-Side Power Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1290ACBZ-R7 Datasheet(HTML) 4 Page - Analog Devices

  ADP1290ACBZ-R7 Datasheet HTML 1Page - Analog Devices ADP1290ACBZ-R7 Datasheet HTML 2Page - Analog Devices ADP1290ACBZ-R7 Datasheet HTML 3Page - Analog Devices ADP1290ACBZ-R7 Datasheet HTML 4Page - Analog Devices ADP1290ACBZ-R7 Datasheet HTML 5Page - Analog Devices ADP1290ACBZ-R7 Datasheet HTML 6Page - Analog Devices ADP1290ACBZ-R7 Datasheet HTML 7Page - Analog Devices ADP1290ACBZ-R7 Datasheet HTML 8Page - Analog Devices ADP1290ACBZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
ADP1290
Data Sheet
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
VIN to GND
−0.3 V to +16.5 V
VOUT to GND
−0.3 V to VIN
EN to GND
−0.3 V to +16.5 V
Continuous Drain Current
TJ = 70°C
±3 A
TJ = 105°C
±1.6 A
Continuous Diode Current
−50 mA
Storage Temperature Range
−65°C to +150°C
Operating Junction Temperature Range
−40°C to +105°C
Soldering Conditions
JEDEC J-STD-020
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
THERMAL RESISTANCE
θJA is specified for the worst case conditions, that is, a device
soldered in a circuit board for surface-mount packages.
Table 3 Thermal Resistance
Package Type
θJA
ΨJB
Unit
6-Ball, 0.5 mm Pitch WLCSP
260
58
°C/W
ESD CAUTION
Rev. 0 | Page 4 of 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com