Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1290ACBZ-R7 Datasheet(PDF) 7 Page - Analog Devices

Part # ADP1290ACBZ-R7
Description  12 V, 2 A Logic Controlled High-Side Power Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1290ACBZ-R7 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADP1290ACBZ-R7 Datasheet HTML 3Page - Analog Devices ADP1290ACBZ-R7 Datasheet HTML 4Page - Analog Devices ADP1290ACBZ-R7 Datasheet HTML 5Page - Analog Devices ADP1290ACBZ-R7 Datasheet HTML 6Page - Analog Devices ADP1290ACBZ-R7 Datasheet HTML 7Page - Analog Devices ADP1290ACBZ-R7 Datasheet HTML 8Page - Analog Devices ADP1290ACBZ-R7 Datasheet HTML 9Page - Analog Devices ADP1290ACBZ-R7 Datasheet HTML 10Page - Analog Devices ADP1290ACBZ-R7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Data Sheet
ADP1290
–40
–5
25
85
105
TEMPERATURE (°C)
0
5
10
15
20
25
ILOAD = 100mA
ILOAD = 200mA
ILOAD = 500mA
ILOAD = 1000mA
ILOAD = 2000mA
Figure 10. Ground Current vs. Temperature, Different Load Currents,
VIN = 13.2 V
0
5
10
15
20
25
10
100
1000
10000
ILOAD (mA)
VIN = 2.3V
VIN = 2.5V
VIN = 3.0V
VIN = 4.0V
VIN = 5.0V
VIN = 6.5V
VIN = 8.0V
VIN = 10.0V
VIN = 12.0V
VIN = 13.2V
Figure 11. Ground Current vs. Load Current (ILOAD), Different Input Voltages (VIN)
–50
–30
–10
10
30
50
70
90
110
TEMPERATURE (°C)
0.01
0.1
1
10
VIN = 2.3V
VIN = 2.5V
VIN = 3.0V
VIN = 4.0V
VIN = 5.0V
VIN = 6.5V
VIN = 8.0V
VIN = 10.0V
VIN = 12.0V
VIN = 13.2V
Figure 12. Ground Shutdown Current vs. Temperature, Output Open,
Different Input Voltages (VIN)
–50
–30
–10
10
30
50
70
90
110
TEMPERATURE (°C)
0.01
0.10
1.00
VIN = 2.3V
VIN = 2.5V
VIN = 3.0V
VIN = 4.0V
VIN = 5.0V
VIN = 6.5V
VIN = 8.0V
VIN = 10.0V
VIN = 12.0V
VIN = 13.2V
Figure 13. Ground Shutdown Current vs. Temperature, VOUT = 0 V,
Different Input Voltages (VIN)
CH1 2.00V BW CH2 1.00V BW M400µs
A CH4
1.04V
T 10.40%
2
1
3
EN
INPUT CURRENT
OUTPUT
CH3
200mAΩ BW
Figure 14. Typical Turn On Time and Inrush Current, VIN = 2.3 V,
COUT = 100 μF, RLOAD = 100 Ω
CH1 2.00V BW
CH3
1.00AΩ BW
CH2 2.00V BW M400µs
A CH4
1.04V
T 10.40%
2
1
3
EN
INPUT CURRENT
OUTPUT
Figure 15. Typical Turn On Time and Inrush Current, VIN = 6.5 V,
COUT = 100 μF, RLOAD = 100 Ω
Rev. 0 | Page 7 of 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com