Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1290ACBZ-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADP1290ACBZ-R7
Description  12 V, 2 A Logic Controlled High-Side Power Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1290ACBZ-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADP1290ACBZ-R7 Datasheet HTML 4Page - Analog Devices ADP1290ACBZ-R7 Datasheet HTML 5Page - Analog Devices ADP1290ACBZ-R7 Datasheet HTML 6Page - Analog Devices ADP1290ACBZ-R7 Datasheet HTML 7Page - Analog Devices ADP1290ACBZ-R7 Datasheet HTML 8Page - Analog Devices ADP1290ACBZ-R7 Datasheet HTML 9Page - Analog Devices ADP1290ACBZ-R7 Datasheet HTML 10Page - Analog Devices ADP1290ACBZ-R7 Datasheet HTML 11Page - Analog Devices ADP1290ACBZ-R7 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
ADP1290
Data Sheet
APPLICATIONS INFORMATION
CAPACITOR SELECTION
Output Capacitor
The ADP1290 is designed for operation with small, space-
saving ceramic capacitors but functions with most commonly
used capacitors when the effective series resistance (ESR) value
is carefully considered. The ESR of the output capacitor affects
the response to load transients. A typical 1 µF capacitor with an
ESR of 0.1 Ω or less is recommended for good transient response.
Using a larger value of output capacitance improves the transient
response to large changes in load current.
Input Bypass Capacitor
Connecting at least 1 µF of capacitance from VIN to GND reduces
the circuit sensitivity to the PCB layout, especially when high
source impedance or long input traces are encountered. When
an output capacitance of greater than 1 µF is required, increase
the input capacitor to match it.
GROUND CURRENT
The major source for ground current in the ADP1290 is the
internal charge pump for the FET drive circuitry. Figure 21
shows the typical ground current when VEN = VIN and varies
from 2.3 V to 13.2 V.
0
5
10
15
20
25
2
4
6
8
10
12
14
INPUT VOLTAGE (V)
ILOAD = 100mA
ILOAD = 50mA
ILOAD = 200mA
ILOAD = 500mA
ILOAD = 1000mA
ILOAD = 2000mA
Figure 21. Ground Current vs. Input Voltage (VIN), Different Load Currents (ILOAD)
ENABLE FEATURE
The ADP1290 uses the EN pin to enable and disable the VOUT
pin under normal operating conditions. As shown in Figure 22,
when a rising voltage (VEN) on the EN pin crosses the active
threshold, the VOUT pin turns on. When a falling voltage (VEN)
on the EN pin crosses the inactive threshold, the VOUT pin
turns off.
0
1
2
3
4
5
6
0.50
0.55
0.60
0.65
0.70
0.75
0.80
0.85
0.90
0.95
1.00
ENABLE VOLTAGE (V)
VEN RISING
VEN FALLING
VOUT AT 2.3V
VOUT AT 5.0V
Figure 22. Typical EN Operation
As shown in Figure 22, the EN pin has hysteresis built into it.
The hysteresis prevents on/off oscillations that can occur due to
noise on the EN pin as it passes through the threshold points.
The EN pin rising and falling thresholds derive from the VIN
voltage; therefore, these thresholds vary with the changing input
voltage. Figure 23 shows the typical EN rising and falling
thresholds when the input voltage varies from 2.3 V to 13.2 V.
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
2
4
6
8
10
12
14
VIN (V)
EN RISE
EN FALL
Figure 23. Typical EN Thresholds (Rising and Falling) vs. Input Voltage (VIN)
Rev. 0 | Page 10 of 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com