Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1290ACBZ-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADP1290ACBZ-R7
Description  12 V, 2 A Logic Controlled High-Side Power Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1290ACBZ-R7 Datasheet(HTML) 5 Page - Analog Devices

  ADP1290ACBZ-R7 Datasheet HTML 1Page - Analog Devices ADP1290ACBZ-R7 Datasheet HTML 2Page - Analog Devices ADP1290ACBZ-R7 Datasheet HTML 3Page - Analog Devices ADP1290ACBZ-R7 Datasheet HTML 4Page - Analog Devices ADP1290ACBZ-R7 Datasheet HTML 5Page - Analog Devices ADP1290ACBZ-R7 Datasheet HTML 6Page - Analog Devices ADP1290ACBZ-R7 Datasheet HTML 7Page - Analog Devices ADP1290ACBZ-R7 Datasheet HTML 8Page - Analog Devices ADP1290ACBZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Data Sheet
ADP1290
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
VIN
VOUT
1
2
VIN
A
B
VOUT
EN
C
GND
TOP VIEW
(Not to Scale)
ADP1290
Figure 3. Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Description
A1, B1
VIN
Input Voltage.
A2, B2
VOUT
Output Voltage.
C1
EN
Enable Input. Drive the EN pin high to turn on the switch. Drive the EN pin low to turn off the switch.
C2
GND
Ground.
Rev. 0 | Page 5 of 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com