Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1290ACBZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADP1290ACBZ-R7
Description  12 V, 2 A Logic Controlled High-Side Power Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1290ACBZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADP1290ACBZ-R7 Datasheet HTML 1Page - Analog Devices ADP1290ACBZ-R7 Datasheet HTML 2Page - Analog Devices ADP1290ACBZ-R7 Datasheet HTML 3Page - Analog Devices ADP1290ACBZ-R7 Datasheet HTML 4Page - Analog Devices ADP1290ACBZ-R7 Datasheet HTML 5Page - Analog Devices ADP1290ACBZ-R7 Datasheet HTML 6Page - Analog Devices ADP1290ACBZ-R7 Datasheet HTML 7Page - Analog Devices ADP1290ACBZ-R7 Datasheet HTML 8Page - Analog Devices ADP1290ACBZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
12 V, 2 A Logic Controlled
High-Side Power Switch
Data Sheet
ADP1290
FEATURES
Low RDSON of 40 mΩ
Wide input voltage range: 2.3 V to 13.2 V
2 A continuous operating current, TJ = <85°C
1.2 V logic compatible enable input
Low 15 µA quiescent current, VIN = 3.3 V
Low 19 µA quiescent current, VIN = 6.5 V
Ultralow shutdown current: 2.0 µA at VIN = 6.5 V
Ultrasmall 1.0 mm × 1.5 mm, 6-ball, 0.5 mm pitch WLCSP
APPLICATIONS
Mobile phones
Digital cameras and audio devices
Portable and battery-powered equipment
TYPICAL APPLICATIONS CIRCUIT
GND
EN
LOAD
VIN
VOUT
ADP1290
CHARGE
PUMP
OFF
ON
+
–
Figure 1.
GENERAL DESCRIPTION
The ADP1290 is a high-side load switch designed for operation
between 2.3 V and 13.2 V. This load switch provides power
domain isolation, helping to extend battery operation. The
device contains a low on-resistance, N-channel MOSFET that
supports more than 2 A of continuous current and minimizes
power loss. In addition, RDSON is constant independent of the VIN
voltage. The low 15 µA quiescent current and ultralow shutdown
current of 20 µA make the ADP1290 ideal for battery-operated
portable equipment. The built-in level shifter for enable logic
makes the ADP1290 compatible with many processors and
general-purpose input/output (GPIO) controllers.
In addition to operating performance, the ADP1290 occupies
minimal printed circuit board (PCB) space with an area of less
than 1.5 mm2 and a height of 0.60 mm.
The ADP1290 is available in an ultrasmall, 1 mm × 1.5 mm,
6-ball, 0.5 mm pitch WLCSP.
Rev. 0
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2014 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com


Similar Part No. - ADP1290ACBZ-R7

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ADP1291 ETC-ADP1291 Datasheet
72Kb / 4P
PRECISION SEMICONDUCTOR PRESSURE SENSOR
More results

Similar Description - ADP1290ACBZ-R7

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NX3P191 NXP-NX3P191 Datasheet
1Mb / 15P
Logic controlled high-side power switch
Rev. 2-4 November 2011
logo
Analog Devices
ADP196 AD-ADP196 Datasheet
387Kb / 12P
5 V, 3 A, Logic Controlled High-Side Power Switch
REV. 0
ADP196 AD-ADP196 Datasheet
402Kb / 13P
5 V, 3 A, Logic Controlled High-Side Power Switch
REV. 0
logo
NXP Semiconductors
NX3P190 PHILIPS-NX3P190_15 Datasheet
990Kb / 14P
Logic controlled high-side power switch
Rev. 5-14 January 2014
NX3P191 PHILIPS-NX3P191_15 Datasheet
1Mb / 15P
Logic controlled high-side power switch
Rev. 5-14 January 2014
NX5P2924C PHILIPS-NX5P2924C Datasheet
465Kb / 20P
Logic controlled high-side power switch
Rev. 1-7 July 2015
NX5P2190 PHILIPS-NX5P2190_15 Datasheet
628Kb / 20P
Logic controlled high-side power switch
Rev. 1.1-15 January 2015
NX5P1100 NXP-NX5P1100 Datasheet
672Kb / 20P
Logic controlled high-side power switch
Rev. 1 ??21 March 2014
NX5P2924 NXP-NX5P2924 Datasheet
305Kb / 17P
Logic controlled high-side power switch
Rev. 1 ??24 February 2014
NX5P2924D NXP-NX5P2924D Datasheet
506Kb / 23P
Logic controlled high-side power switch
Rev. 1.0 ??21 June 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com