Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2230ACPZ-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADP2230ACPZ-R7
Description  Dual 2 MHz, 800 mA, Synchronous, Low Quiescent Current Buck Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2230ACPZ-R7 Datasheet(HTML) 5 Page - Analog Devices

  ADP2230ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADP2230ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADP2230ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADP2230ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADP2230ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADP2230ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADP2230ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADP2230ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADP2230ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
Data Sheet
ADP2230
Rev. A | Page 5 of 18
ABSOLUTE MAXIMUM RATINGS
Table 3.
Parameter
Rating
VINx, FBx, EN2, SYNC to AGND, PGND
−0.3 V to +7 V
EN1
−0.3 V to +6 V
SWx to AGND, PGND
−0.3 V to VINx
Operating Ambient Temperature Range
−40°C to +85°C
Operating Junction Temperature Range
−40°C to +125°C
Storage Temperature Range
−65°C to +150°C
Soldering Conditions
JEDEC J-STD-020
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
Absolute maximum ratings apply individually only, not in
combination.
THERMAL DATA
Exceeding the junction temperature (TJ) limit can cause damage
to the ADP2230. Monitoring ambient temperature does not
guarantee that TJ is within the specified temperature limits. The
maximum ambient temperature may require derating in
applications with high power dissipation and poor thermal
resistance.
In applications with moderate power dissipation and low
printed circuit board (PCB) thermal resistance, the maximum
ambient temperature can exceed the maximum limit as long as
the junction temperature is within specification limits. The
junction temperature of the device is dependent on the ambient
temperature, the power dissipation of the device, and the
junction-to-ambient thermal resistance (θJA) of the package.
Maximum TJ is calculated from the ambient temperature (TA)
and power dissipation (PD) using the formula
TJ = TA + (PD × θJA)
(1)
θJA of the package is based on modeling and calculation using a
4-layer board. θJA is highly dependent on the application and
board layout. In applications where high maximum power
dissipation exists, close attention to thermal board design is
required. The value of θJA can vary, depending on PCB material,
layout, and environmental conditions.
The specified values of θJA are based on a 4-layer, 4 in. × 3 in.
circuit board. See JEDEC JESD51-7, High Effective Thermal
Conductivity Test Board for Leaded Surface Mount Packages, for
detailed information on board construction. For more
information, see AN-772 Application Note, A Design and
Manufacturing Guide for the Lead Frame Chip Scale Package
(LFCSP).
ΨJB is the junction-to-board thermal characterization parameter
with units of °C/W. The ΨJB of the package is based on modeling
and calculation using a 4-layer board. The JESD51-12,
Guidelines for Reporting and Using Electronic Package Thermal
Information, states that thermal characterization parameters are
not the same as thermal resistances. ΨJB measures the
component power flowing through multiple thermal paths
rather than a single path as in junction-to-board thermal
resistance (θJB). Therefore, ΨJB thermal paths include convection
from the top of the package as well as radiation from the
package, factors that make ΨJB more useful in real-world
applications. Maximum TJ is calculated from the board
temperature (TB) and PD using the formula
TJ = TB + (PD × ΨJB)
(2)
For more information regarding ΨJB, see JESD51-12 and
JESD51-8, Integrated Circuit Thermal Test Method
Environmental Conditions—Junction-to-Board.
THERMAL RESISTANCE
θJA and ΨJB are specified for the worst-case conditions, that is,
a device soldered in a circuit board for surface-mount packages.
θJC is a parameter for surface-mount packages with top mounted
heat sinks.
Table 4. Thermal Resistance
Package Type
θJA
θJC
Unit
10-Lead, 3 mm × 3mm LFCSP
44.6
5.45
°C/W
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com