Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2230ACPZ-R7 Datasheet(PDF) 7 Page - Analog Devices

Part # ADP2230ACPZ-R7
Description  Dual 2 MHz, 800 mA, Synchronous, Low Quiescent Current Buck Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2230ACPZ-R7 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADP2230ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADP2230ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADP2230ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADP2230ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADP2230ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADP2230ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADP2230ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADP2230ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADP2230ACPZ-R7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
Data Sheet
ADP2230
TYPICAL PERFORMANCE CHARACTERISTICS
VIN = VENx = 5.0 V, CIN1 = CIN2 = COUT1 = COUT2 = 10 µF (GRM21BR61C106KE15), L1 = L2 = 2.2 μH (XFL3012-222MEB), typical values are
at TA = 25°C, and minimum/maximum limits are guaranteed for TJ = −40°C to +125°C, unless otherwise noted. All limits at temperature
extremes are guaranteed via correlation using standard statistical quality control (SQC).
Figure 3. Efficiency vs. Load Current, VOUT = 1.2 V, Different Input Voltages
Figure 4. Efficiency vs. Load Current, VOUT = 3.3 V, Different Input Voltages
Figure 5. Typical Maximum Continuous Output Current vs. Input Voltage
Figure 6. Load Regulation, VOUT = 1.2 V
Figure 7. Load Regulation, VOUT = 3.3 V
Figure 8. PSM to PWM Mode Transition Threshold vs. Input Voltage
40
50
60
70
80
90
100
0.1
1
10
100
1000
LOAD CURRENT (mA)
VIN = 2.5V
VIN = 3.5V
VIN = 4.5V
VIN = 5.5V
VIN = 6.5V
VOUT = 1.2V
fSW = 2MHz
AUTO MODE
PWM MODE
50
55
60
65
70
75
80
85
90
95
100
0.1
1
10
100
1000
LOAD CURRENT (mA)
VIN = 4.5V
VIN = 5.5V
VIN = 6.5V
VOUT = 3.3V
fSW = 2MHz
AUTO MODE
PWM MODE
1.20
1.25
1.30
1.35
1.40
1.45
2.3
3.3
4.3
5.3
6.3
INPUT VOLTAGE (V)
VOUT = 1.2V
VOUT = 1.8V
VOUT = 3.3V
1.170
1.175
1.180
1.185
1.190
1.195
1.200
1.205
1.210
1.215
1.220
1
10
100
1000
LOAD CURRENT (mA)
VIN = 2.5V
VIN = 3.5V
VIN = 4.5V
VIN = 5.5V
VIN = 6.5V
VOUT = 1.2V
fSW = 2MHz
AUTO MODE
PWM MODE
3.26
3.27
3.28
3.29
3.30
3.31
3.32
3.33
3.34
3.35
3.36
0.1
1
10
100
1000
LOAD CURRENT (mA)
VIN = 4.5V
VIN = 5.5V
VIN = 6.5V
AUTO MODE
PWM MODE
VOUT = 3.3V
fSW = 2MHz
100
120
140
160
180
200
220
240
260
280
2.3
3.0
3.7
4.4
5.1
5.8
6.5
INPUT VOLTAGE (V)
VOUT = 1.2V RISING
VOUT = 1.8V RISING
VOUT = 3.3V RISING
VOUT = 1.2V FALLING
VOUT = 1.8V FALLING
VOUT = 3.3V FALLING
Rev. A | Page 7 of 18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com