Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2230ACPZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADP2230ACPZ-R7
Description  Dual 2 MHz, 800 mA, Synchronous, Low Quiescent Current Buck Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2230ACPZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADP2230ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADP2230ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADP2230ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADP2230ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADP2230ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADP2230ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADP2230ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADP2230ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADP2230ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Dual 2 MHz, 800 mA, Synchronous, Low
Quiescent Current Buck Regulator
Data Sheet
ADP2230
FEATURES
Input voltage range: 2.3 V to 6.5 V
Fixed and adjustable output voltage options
Fixed output voltage pair options: 1.2 V/1.8 V, 1.2 V/3.3 V,
1.8 V/3.3 V
Adjustable output voltage range: 0.8 V to 6 V
Minimum guaranteed continuous output current: 800 mA
Up to 94% efficiency
Low quiescent current of 15 µA for both channels in power
saving mode (PSM)
Low shutdown current: 0.1 μA (typical)
100% duty cycle for low dropout operation
SYNC pin switching frequency options
2 MHz fixed pulse-width modulation (PWM) mode
2 MHz PSM/PWM automatic transitioning mode
External clock synchronization from 1.5 MHz to 2.5 MHz
Enable input with precision thresholds for each output
180° phase shifted PWM outputs for minimum VIN ripple
Current-limit and thermal shutdown (TSD) protection
Quick output discharge (QOD)
10-lead, 3 mm × 3 mm × 0.75 mm LFCSP package
APPLICATIONS
Portable and battery-powered equipment
Automatic meter readers (WSN)
Point of sales and transaction processing instruments
Mobile phones
Digital cameras and audio devices
Medical instruments
Medium format display tablets and pads
GENERAL DESCRIPTION
The ADP2230 includes two high efficiency, low quiescent current,
800 mA, step-down, dc-to-dc converters in a small, 10-lead,
3 mm × 3 mm, LFCSP package. The total solution requires only
five tiny external components. When the ADP2230 is used with
three 0603 capacitors and two 2 mm × 2 mm inductors, the
total solution size is about 48 mm2, resulting in the smallest
footprint solution to meet a variety of portable applications.
The ADP2230 buck regulator uses a proprietary, high speed,
current mode, constant frequency, PWM control scheme for
excellent stability and transient response. The buck outputs
operate out of phase to reduce the input current ripple.
To ensure the longest battery life in portable applications, the
ADP2230 has a power saving variable frequency mode that
reduces the switching frequency under light load conditions.
TYPICAL APPLICATION CIRCUIT
Figure 1. Fixed Output Voltage Typical Application Circuit
During logic controlled shutdown, the input is disconnected
from the output, and it draws less than 0.1 μA from the input
source. The ADP2230 operates from input voltages from 2.3 V
to 6.5 V, allowing the use of multiple alkaline, NiMH, or lithium
cells and other standard power sources.
The ADP2230 offers multiple options for setting the operating
frequency. To maximize light load efficiency, the ADP2230 can
operate at a reduced switching frequency in PSM and switch
automatically to PWM as the load increases. The ADP2230 can
be forced to operate at 2 MHz in PWM only mode when noise
considerations are more important than efficiency. The
ADP2230 can also be synchronized with a 1.5 MHz to 2.5 MHz
external clock via the SYNC pin. When using the external clock
synchronization control, both buck outputs operate in phase
with the applied clock signal.
The ADP2230 includes an internal power switch, synchronous
rectifier, and compensation to minimize external part count
and maximize efficiency. Other key protection features include
undervoltage lockout to prevent deep battery discharge, internal
soft start to prevent input current overshoot at startup, and an
integrated, switched resistor, QOD function that automatically
discharges the output when the device is disabled. Short-circuit
protection and thermal overload protection circuits prevent
damage in adverse conditions.
2.2µH
EN1
EN2
PGND
(EPAD)
SYNC
SW1
VIN2
VIN1
AGND
CIN
10µF
COUT1
10µF
L1
2
9
ADP2230
1
FB1 3
2.2µH
SW2
COUT2
10µF
L2
10
FB2 8
VOUT1
VIN
VOUT2
5
11
ON
OFF
4
7
6
ON
OFF
PWM
PSM/PWM
Rev. A
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2014 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com


Similar Part No. - ADP2230ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP223 AD-ADP223 Datasheet
750Kb / 24P
Dual, 300 mA Output, Low Noise
REV. B
ADP223ACPZ-R7 AD-ADP223ACPZ-R7 Datasheet
750Kb / 24P
Dual, 300 mA Output, Low Noise
REV. B
ADP223CP-EVALZ AD-ADP223CP-EVALZ Datasheet
750Kb / 24P
Dual, 300 mA Output, Low Noise
REV. B
More results

Similar Description - ADP2230ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8033 INTERSIL-ISL8033 Datasheet
1Mb / 17P
Dual 3A Low Quiescent Current High Efficiency Synchronous Buck Regulator
October 21, 2010
ISL8033 INTERSIL-ISL8033_11 Datasheet
1Mb / 18P
Dual 3A Low Quiescent Current High Efficiency Synchronous Buck Regulator
March 24, 2011
ISL78228 INTERSIL-ISL78228 Datasheet
1Mb / 18P
Dual 800mA Low Quiescent Current 2.25MHz High Efficiency Synchronous Buck Regulator
logo
Analog Devices
ADP5023 AD-ADP5023 Datasheet
826Kb / 28P
Dual 3 MHz, 800 mA Buck
REV. A
logo
Intersil Corporation
ISL8033IRZ-T INTERSIL-ISL8033IRZ-T Datasheet
1Mb / 18P
Dual 3A Low Quiescent Current High Efficiency Synchronous Buck Regulator
March 24, 2011
logo
Renesas Technology Corp
ISL8033 RENESAS-ISL8033 Datasheet
2Mb / 18P
Dual 3A Low Quiescent Current High Efficiency Synchronous Buck Regulator
ISL78228 RENESAS-ISL78228 Datasheet
1Mb / 18P
Dual 800mA Low Quiescent Current 2.25MHz High Efficiency Synchronous Buck Regulator
logo
Shenzhen Huazhimei Semi...
HM3406H HMSEMI-HM3406H Datasheet
540Kb / 7P
Low Quiescent Current 1.5MHz, 700mA Synchronous Buck Regulator
logo
ON Semiconductor
NCV891930 ONSEMI-NCV891930 Datasheet
444Kb / 33P
Low Quiescent Current 2 MHz Automotive Synchronous Buck Controller
May, 2020 ??Rev. 4
logo
Analog Devices
ADP2140 AD-ADP2140 Datasheet
2Mb / 32P
3 MHz, 600 mA, Low Quiescent Current Buck with 300 mA LDO Regulator
10/2019-Rev. A to Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com