Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2230ACPZ-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # ADP2230ACPZ-R7
Description  Dual 2 MHz, 800 mA, Synchronous, Low Quiescent Current Buck Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2230ACPZ-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADP2230ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADP2230ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADP2230ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADP2230ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADP2230ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADP2230ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADP2230ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADP2230ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADP2230ACPZ-R7 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
ADP2230
Data Sheet
Rev. A | Page 12 of 18
THEORY OF OPERATION
Figure 31. Internal Block Diagram
OVERVIEW
The ADP2230 contains two, high efficiency, step-down, dc-to-
dc converters that use a proprietary, high speed, current mode,
constant frequency, PWM control scheme for excellent stability
and transient response. To ensure long battery life, the
ADP2230 also has a PSM mode that reduces the switching
frequency under light load conditions. The architecture ensures
smooth transitions between PWM mode and PSM, and
maintains high efficiencies at light loads.
The ADP2230 operates with an input voltage between 2.3 V and
6.5 V and buck to output voltages between 0.8 V and 6 V.
The ADP2230 buck outputs operate out of phase to reduce the
input current ripple. All versions include an internal power
switch, synchronous rectifier, and internal compensation for
minimal external part count. The ADP2230 also includes
internal protection features such as precision enable, soft start,
UVLO, TSD, and short-circuit protection.
The ADP2230 also includes an integrated, 200 Ω, switched
resistor, quick output discharge (QOD) function that
automatically discharges the output when the device is disabled.
The following sections describe the operating conditions, the
modes of operation, and the features of the ADP2230.
OPERATING CONDITIONS
Input Voltage
The ADP2230 operates with an input voltage between 2.3 V and
6.5 V. The VIN1 and VIN2 pins cannot be controlled separately.
VIN1 and VIN2 must be tied together and powered from a
single source.
Output Voltage
The ADP2230 step-down, dc-to-dc converter is available with
adjustable output voltages that can be set between 0.8 V and
6 V. The ADP2230 is also available in three fixed output voltage
pair options: 1.2 V/1.8 V, 1.2 V/3.3 V, or 1.8 V/3.3 V. For
additional output voltage options, contact a local sales or
distribution representative.
SLOPE COMP
OSCILLATOR
CONTROL
LOGIC
SOFT
START
1.0V
EN1
VIN2
FB2
SYNC
1.2V
STANDBY
PRECISION
EN1
VIN
UVLO
PWM
PSM
0.808V
0.8V
1.2A
VIN
VIN
2.25V
0.8V
150°C
135°C
H = PWM ONLY
L = PWM/PSM
THSD
P_ILIMIT
N_ILIMIT
–0.5A – (PWM)
0A – (PSM)
IMIN
gM
VCOMP
ICOMP
RDSON × Kr
SLOPE COMP
CONTROL
LOGIC
SOFT
START
VIN1
SW1
PGND
FB1
PWM
PSM
0.808V
0.8V
1.2A
VIN
0.8V
P_ILIMIT
N_ILIMIT
–0.5A – (PWM)
0A – (PSM)
IMIN
VCOMP
ICOMP
VTO I
V TO I
RDSON × Kr
AGND
1.0V
EN2
1.2V
STANDBY
PRECISION
EN1
FIXED
VOUT
ONLY
FIXED
VOUT
ONLY
SW2
gM
VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com