Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2230ACPZ-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # ADP2230ACPZ-R7
Description  Dual 2 MHz, 800 mA, Synchronous, Low Quiescent Current Buck Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2230ACPZ-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADP2230ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADP2230ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADP2230ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADP2230ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADP2230ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADP2230ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADP2230ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADP2230ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADP2230ACPZ-R7 Datasheet HTML 18Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
Data Sheet
ADP2230
Rev. A | Page 15 of 18
APPLICATIONS INFORMATION
The ADP2230 is designed with a high 1.5 MHz to 2.5 MHz
operating frequency that enables the use of small chip inductors
and capacitors that are ideal for use in applications with solution
size constraints. The external component selection for the
ADP2230 application circuit is also driven by the input and
output operating requirements. Compatible components for the
application circuits in Figure 32 and Figure 33 are identified
using the recommended inductors in Table 6 and selection
guides in the following sections.
Figure 32. Typical Application Circuit Fixed Output Voltage
Figure 33. Typical Application Circuit Adjustable Output Voltage
SETTING THE OUTPUT VOLTAGE
The ADP2230 is available with 1.2 V/1.8 V, 1.2 V/3.3 V, or
1.8 V/3.3 V fixed output voltage pairs. For these options, the
output voltage is set by an internal resistive feedback divider,
and no external resistors are necessary to set the output, as
shown in Figure 32.
The ADP2230 is available with adjustable output voltage pairs
and can be configured for output voltages between 0.8 V and
6 V. The output voltage is set by a resistor voltage divider, R1FBx,
from the output voltage (VOUT) to the 0.8 V feedback input at FBx
and R2FBx from FBx to ground (see Figure 33).
Use the following equation to determine R1 and R2 for the
desired VOUT:
FB
OUT
V
R2
R1
V
 
 1
(3)
where VFB = 0.8 V, typical.
SELECTING THE INDUCTOR
The ADP2230 is designed for optimal performance with 2.2 μH
inductors that have favorable saturation currents and lower dc
resistances (DCR) for their given physical size. Other inductor
values are not recommended.
To ensure stable and efficient performance with the ADP2230,
select a compatible inductor with a sufficient current rating,
saturation current, and low DCR. The specifications and value
of the selected inductor affect efficiency, output ripple, transient
response, and the transition level between PSM/PWM.
Suggested inductors are shown in Table 6.
The saturation current of the selected inductor must be greater
than the maximum peak inductor current, IPK, of the applica-
tion. The maximum peak inductor current is the maximum
load current plus half the inductor ripple current determined by
the following equation:
 
2
)
(
L
MAX
LOAD
PK
I
I
I
(4)
where ΔIL is the ripple current of the inductor.
The ripple current can be calculated as follows:


IN
OUT
SW
OUT
L
V
V
L
f
V
I
1
(5)
where:
fSW is the switching frequency in MHz (2 MHz, typical).
L is the inductor value.
The largest ripple current, ΔIL, occurs at the maximum input
voltage.
2.2µH
EN1
EN2
PGND
(EPAD)
SYNC
SW1
VIN2
VIN1
AGND
CIN
10µF
COUT1
10µF
L1
2
9
ADP2230/
ADP2231
1
FB1 3
2.2µH
SW2
COUT2
10µF
L2
10
FB2 8
VOUT1 = 1.2V
VIN = 6.0V
VOUT2 = 1.8V
5
11
ON
OFF
4
7
6
ON
OFF
PWM
PSM/PWM
2.2µH
EN1
EN2
PGND
(EPAD)
SYNC
SW1
VIN2
VIN1
AGND
CIN
10µF
COUT1
10µF
L1
2
9
1
FB1 3
2.2µH
SW2
COUT2
10µF
L2
10
FB2 8
VOUT1 = 3.3V
VIN = 6.0V
VOUT2 = 1.8V
5
11
ON
OFF
4
7
6
ON
OFF
PWM
PSM/PWM
R1FB1
R2FB1
R1FB2
R2FB2
ADP2230/
ADP2231



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com