Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5301ACBZ-3-R7 Datasheet(PDF) 7 Page - Analog Devices

Part # ADP5301ACBZ-3-R7
Description  50 mA/500 mA, High Efficiency,Ultralow Power Step-Down Regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5301ACBZ-3-R7 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADP5301ACBZ-3-R7 Datasheet HTML 3Page - Analog Devices ADP5301ACBZ-3-R7 Datasheet HTML 4Page - Analog Devices ADP5301ACBZ-3-R7 Datasheet HTML 5Page - Analog Devices ADP5301ACBZ-3-R7 Datasheet HTML 6Page - Analog Devices ADP5301ACBZ-3-R7 Datasheet HTML 7Page - Analog Devices ADP5301ACBZ-3-R7 Datasheet HTML 8Page - Analog Devices ADP5301ACBZ-3-R7 Datasheet HTML 9Page - Analog Devices ADP5301ACBZ-3-R7 Datasheet HTML 10Page - Analog Devices ADP5301ACBZ-3-R7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
Data Sheet
ADP5301
Rev. A | Page 7 of 21
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
A1
A2
A3
B1
B2
B3
C1
C2
C3
EN
PGND
PVIN
AGND
VOUTOK
SYNC/
MODE
VID
FB
SW
ADP5301
Figure 3. Pin Configuration (Top View)
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Description
A1
SW
Switching Node Output for the Regulator.
A2
PVIN
Power Input for the Regulator.
A3
EN
Enable Input for the Regulator. Set this pin to logic low to disable the regulator.
B1
PGND
Power Ground.
B2
AGND
Analog Ground.
B3
SYNC/MODE
Synchronization Input Pin (SYNC). To synchronize the switching frequency of the device to an external
clock, connect this pin to an external clock with a frequency from 1.2 MHz to 2.5 MHz.
PWM or Hysteresis Mode Selection Pin (MODE). When this pin is logic high, the regulator operates in PWM
mode. When this pin is logic low, the regulator operates in hysteresis mode.
C1
VOUTOK
Output Power-Good Signal. This open-drain output is the power-good signal for the output voltage.
C2
FB
Feedback Sensing Input for the Regulator.
C3
VID
Voltage Configuration Pin. Connect an external resistor (RVID) from this pin to ground to configure the
output voltage of the regulator (see Table 5).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com