Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5301ACBZ-3-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # ADP5301ACBZ-3-R7
Description  50 mA/500 mA, High Efficiency,Ultralow Power Step-Down Regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5301ACBZ-3-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADP5301ACBZ-3-R7 Datasheet HTML 8Page - Analog Devices ADP5301ACBZ-3-R7 Datasheet HTML 9Page - Analog Devices ADP5301ACBZ-3-R7 Datasheet HTML 10Page - Analog Devices ADP5301ACBZ-3-R7 Datasheet HTML 11Page - Analog Devices ADP5301ACBZ-3-R7 Datasheet HTML 12Page - Analog Devices ADP5301ACBZ-3-R7 Datasheet HTML 13Page - Analog Devices ADP5301ACBZ-3-R7 Datasheet HTML 14Page - Analog Devices ADP5301ACBZ-3-R7 Datasheet HTML 15Page - Analog Devices ADP5301ACBZ-3-R7 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
ADP5301
Data Sheet
Rev. A | Page 12 of 21
1
4
VOUT (AC)
IOUT
CH4
111mA
CH4 50.0mA
Ω
CH1 50.0mV
M 200µs
A
T 20.80%
B
W
B
W
Figure 28. Load Transient of Hysteresis Mode, ILOAD from 0 mA to 50 mA
1
2
4
VOUT (AC)
VIN
IL
SW
CH3
4.72V
CH2 5.00V
CH4 500mA
Ω
CH1 50.0mV
M 2.00ms A
T 30.00%
B
W
B
W
CH3 2.00V
B
W
Figure 29. Line Transient of Hysteresis Mode, ILOAD = 10 µA, VIN from 2.5 V to 6 V
1
4
VOUT
VIN
IL
CH3
4.80V
CH4 200mA
Ω
CH1 1.00V
M 10.0ms A
T 40.20%
B
W
B
W
CH3 1.00V
B
W
Figure 30. Input Voltage Ramp Up and Ramp Down in Hysteresis Mode
1
4
VOUT (AC)
IOUT
CH4
308mA
CH4 200mA
Ω
CH1 50.0mV
M 200µs A
T 20.40%
B
W
B
W
Figure 31. Load Transient of PWM Mode, ILOAD from 125 mA to 375 mA
1
2
3
4
VOUT (AC)
VIN
IL
SW
CH3
4.28V
CH2 5.00V
CH4 500mA
Ω
CH1 10.0mV
M 2.00ms A
T 30.20%
B
W
B
W
CH3 2.00V
B
W
Figure 32. Line Transient of PWM Mode, ILOAD = 500 mA, VIN from 2.5 V to 6 V
1
3
2
VOUT
VOUTOK
SW
CH1
1.32V
CH2 2.00V
CH1 1.00V
M 200µs
A
T 40.00%
B
W
B
W
CH3 1.00V
B
W
Figure 33. VOUTOK Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com