Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5301ACBZ-3-R7 Datasheet(PDF) 19 Page - Analog Devices

Part # ADP5301ACBZ-3-R7
Description  50 mA/500 mA, High Efficiency,Ultralow Power Step-Down Regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5301ACBZ-3-R7 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADP5301ACBZ-3-R7 Datasheet HTML 13Page - Analog Devices ADP5301ACBZ-3-R7 Datasheet HTML 14Page - Analog Devices ADP5301ACBZ-3-R7 Datasheet HTML 15Page - Analog Devices ADP5301ACBZ-3-R7 Datasheet HTML 16Page - Analog Devices ADP5301ACBZ-3-R7 Datasheet HTML 17Page - Analog Devices ADP5301ACBZ-3-R7 Datasheet HTML 18Page - Analog Devices ADP5301ACBZ-3-R7 Datasheet HTML 19Page - Analog Devices ADP5301ACBZ-3-R7 Datasheet HTML 20Page - Analog Devices ADP5301ACBZ-3-R7 Datasheet HTML 21Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
Data Sheet
ADP5301
Rev. A | Page 19 of 21
TYPICAL APPLICATION CIRCUITS
The ADP5301 can be used as a keep-alive, ultralow step-down power regulator to extend the battery life (see Figure 40) and as a battery-
powered equipment or wireless sensor network controlled by a microcontroller or a processor (see Figure 41).
2.2µH
SW
PGND
FB
10µF
10µF
VOUT = 1.8V
PVIN
VID
EN
Li-Ion BATTERY
SYNC/MODE
VIN = 3.0V TO 4.2V
ADP5301
RVID
20kΩ
1%
VOUTOK
AGND
Figure 40. Typical ADP5301 Application with Li-Ion Battery
2.2µH
SW
PGND
FB
10µF
R1
1MΩ
10µF
VOUT = 1.8V
ADC/RF/AFE
MCU
(ALWAYS ON)
PVIN
VID
EN
SYNC/MODE
VIN = 2.0V TO 3.0V
ADP5301
RVID
20kΩ
1%
VOUTOK
AGND
TWO ALKALINE
OR NiMH
BATTERIES
Figure 41. Typical ADP5301 Application with Two Alkaline/NiMH Batteries



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com