Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5301ACBZ-3-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # ADP5301ACBZ-3-R7
Description  50 mA/500 mA, High Efficiency,Ultralow Power Step-Down Regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5301ACBZ-3-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADP5301ACBZ-3-R7 Datasheet HTML 11Page - Analog Devices ADP5301ACBZ-3-R7 Datasheet HTML 12Page - Analog Devices ADP5301ACBZ-3-R7 Datasheet HTML 13Page - Analog Devices ADP5301ACBZ-3-R7 Datasheet HTML 14Page - Analog Devices ADP5301ACBZ-3-R7 Datasheet HTML 15Page - Analog Devices ADP5301ACBZ-3-R7 Datasheet HTML 16Page - Analog Devices ADP5301ACBZ-3-R7 Datasheet HTML 17Page - Analog Devices ADP5301ACBZ-3-R7 Datasheet HTML 18Page - Analog Devices ADP5301ACBZ-3-R7 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
Data Sheet
ADP5301
Rev. A | Page 15 of 21
UNDERVOLTAGE LOCKOUT (UVLO)
The undervoltage lockout circuitry monitors the input voltage
level on the PVIN pin. If input voltage falls below 2.00 V (typical),
the regulator turns off. After the input voltage rises above 2.06 V
(typical), the soft start period is initiated, and the regulator is
enabled when the EN pin is high.
ENABLE/DISABLE
The ADP5301 includes a separate enable pin (EN). A logic high
in the EN pin starts the regulator. Due to the low quiescent current
design, it is typical for the regulator to start switching after a delay
of a few milliseconds from the EN pin being pulled high.
A logic low on the EN pin immediately disables the regulator
and brings the regulator into extremely low current consumption.
CURRENT LIMIT
The buck regulator in the ADP5301 has protection circuitry
that limits the direction and the amount of current to a certain
level that flows through the high-side MOSFET and the low-side
MOSFET in cycle-by-cycle mode. The positive current limit on
the high-side MOSFET limits the amount of current that can flow
from the input to the output. The negative current limit on the
low-side MOSFET prevents the inductor current from reversing
direction and flowing out of the load.
SHORT-CIRCUIT PROTECTION
The buck regulator in ADP5301 includes frequency foldback to
prevent current runaway on a hard short. When the output voltage
at the FB pin falls below 0.3 V typical, indicating the possibility
of a hard short at the output, the switching frequency (in PWM
mode) is reduced to one-fourth of the internal oscillator frequency.
The reduction in the switching frequency allows more time for the
inductor to discharge, preventing a runaway of output current.
SOFT START
The ADP5301 has an internal soft start function that ramps up
the output voltage in a controlled manner upon startup, thereby
limiting the inrush current. This feature prevents possible input
voltage drops when a battery or a high impedance power source
is connected to the input of the device. The default typical soft
start time is 350 µs for the regulator.
A different soft start time (2800 µs) can be programmed for
ADP5301 by the factory fuse.
STARTUP WITH A PRECHARGED OUTPUT
The buck regulator in the ADP5301 includes a precharged
start-up feature to protect the low-side MOSFET from damage
during startup. If the output voltage is precharged before the
regulator turns on, the regulator prevents reverse inductor
current—which discharges the output capacitor—until the
internal soft start reference voltage exceeds the precharged
voltage on the feedback pin.
100% DUTY CYCLE OPERATION
When the input voltage approaches the output voltage, the
ADP5301 stops switching and enters 100% duty cycle operation. It
connects the output via the inductor and the internal high-side
power switch to the input. When the input voltage is charged
again and the required duty cycle falls to 95% typical, the buck
immediately restarts switching and regulation without allowing
overshoot on the output voltage. In hysteresis mode, the ADP5301
draws an ultralow quiescent current of only 570 nA typical during
100% duty cycle operation
ACTIVE DISCHARGE
The ADP5301 integrates an optional, factory programmable
discharge switch from the switching node to ground. This switch
turns on when its associated regulator is disabled, which helps
discharge the output capacitor quickly. The typical value of the
discharge switch is 290 Ω for the regulator.
By default, the discharge function is not enabled. The active
discharge function can be enabled by the factory fuse.
VOUTOK FUNCTION
The ADP5301 includes an open-drain power-good output
(VOUTOK pin) that is active high when the buck regulator is
operating normally. By default, the VOUTOK pin monitors the
output voltage. A logic high on the VOUTOK pin indicates that
the regulated output voltage of the buck regulator is above 90%
(typical) of its nominal output. When the regulated output voltage
of the buck regulator falls below 87% (typical) of its nominal output
for a delay time greater than approximately 10 µs, the VOUTOK
pin goes low.
THERMAL SHUTDOWN
If the ADP5301 junction temperature exceeds 142°C, the thermal
shutdown circuit turns off the IC except for the internal linear
regulator. Extreme junction temperatures can be the result of
high current operation, poor circuit board design, or high ambient
temperature. A 15°C hysteresis is included so that the ADP5301
does not return to operation after thermal shutdown until the
junction temperature falls below 127°C. When the device exits
thermal shutdown, a soft start is initiated for the buck regulator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com