Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5301ACBZ-3-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADP5301ACBZ-3-R7
Description  50 mA/500 mA, High Efficiency,Ultralow Power Step-Down Regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5301ACBZ-3-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADP5301ACBZ-3-R7 Datasheet HTML 7Page - Analog Devices ADP5301ACBZ-3-R7 Datasheet HTML 8Page - Analog Devices ADP5301ACBZ-3-R7 Datasheet HTML 9Page - Analog Devices ADP5301ACBZ-3-R7 Datasheet HTML 10Page - Analog Devices ADP5301ACBZ-3-R7 Datasheet HTML 11Page - Analog Devices ADP5301ACBZ-3-R7 Datasheet HTML 12Page - Analog Devices ADP5301ACBZ-3-R7 Datasheet HTML 13Page - Analog Devices ADP5301ACBZ-3-R7 Datasheet HTML 14Page - Analog Devices ADP5301ACBZ-3-R7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
Data Sheet
ADP5301
Rev. A | Page 11 of 21
TEMPERATURE (°C)
–40
+25
+85
+125
1.96
1.98
2.00
2.02
2.04
2.06
2.08
2.10
RISING
FALLING
Figure 22. UVLO Threshold, Rising and Falling vs. Temperature
CH4
140mA
4
1
2
CH2 2.00V
CH4 500mA
Ω
CH1 100mV
M 200µs
A
T 39.60%
VOUT
IL
SW
Figure 23. Steady Waveform of Hysteresis Mode, ILOAD = 1 mA
(IL is the Inductor Current)
CH1
1.22V
2
1
3
4
CH2 5.00V
CH4 500mA
Ω
CH1 1.00V
M 200µs
A
T 50.60%
B
W
CH3 2.00V
B
W
B
W
VIN
VOUT
IL
SW
Figure 24. Soft Start, ILOAD = 300 mA
VIN (V)
2.3
2.9
3.5
4.1
4.7
5.3
5.9
6.5
1.7
1.8
1.9
2.0
2.1
2.2
2.3
–40ºC
+25ºC
+125ºC
Figure 25. Switching Frequency vs. VIN
CH2
2.72V
2
1
4
CH2 2.00V
CH4 200mA
Ω
CH1 10.0mV
M 400ns
A
T 90.60%
B
W
B
W
VOUT (AC)
IL
SW
Figure 26. Steady Waveform of PWM Mode, ILOAD = 300 mA
2
1
4
VOUT
VIN
IL
SW
CH1
1.05V
CH2 5.00V
CH4 500mA
Ω
CH1 500mV
M 100µs
A
T 40.00%
B
W
CH3 2.00V
B
W
B
W
Figure 27. Soft Start with Precharge Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com