Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VM810C Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # VM810C
Description  VM810C EVE2 CREDIT CARD MODULE
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

VM810C Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button VM810C Datasheet HTML 9Page - List of Unclassifed Manufacturers VM810C Datasheet HTML 10Page - List of Unclassifed Manufacturers VM810C Datasheet HTML 11Page - List of Unclassifed Manufacturers VM810C Datasheet HTML 12Page - List of Unclassifed Manufacturers VM810C Datasheet HTML 13Page - List of Unclassifed Manufacturers VM810C Datasheet HTML 14Page - List of Unclassifed Manufacturers VM810C Datasheet HTML 15Page - List of Unclassifed Manufacturers VM810C Datasheet HTML 16Page - List of Unclassifed Manufacturers VM810C Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
13
Copyright © 2015 Future Technology Devices International Limited
VM810C EVE2 CREDIT CARD MODULE
Version 1.1
Document No.: FT_001225 Clearance No.: FTDI#464
In this section it is assumed the 5V version of the MPSSE cable (FTDI part no C232HM-EDHSL-0) is used.
If the 3.3V version of the MPSSE cable (FTDI part no C232HM-DDHSL-0) is available, the setup is similar
except for the power pin connection which requires an additional 5V power source to connect to CN2 or
CN1. Refer to table 5-1 for board power configuration.
Figure 5-1 – VM810C connects to PC via VA800A-SPI or MPSSE cable.
Hardware Setup VA800A-SPI
Solder a 10 position single row pin header to J5 footprint of the VM810C board
Connect VA800A-SPI to the VM810C module in the correct orientation (pin1 to pin1 aligned).
Connect USB cable (e.g. FTDI accessory VA-FC-1M-BKW or VA-FC-1M-BLW) from the VA800A-SPI
to the PC USB host port.
VA800A-SPI will supply power to VM810C after MPSSE driver is properly loaded and the USB host
completed USB device configuration.
Hardware Setup MPSSE Cable
Solder a 10 position single row pin header to J5 footprint of the VM810C board
Connect MPSSE leads to VM810C board’s J5( SPI interface) in accordance with Table 5-2
Plug MPSSE cable to PC USB host port
Software Setup
Download PC based MPSSE software libraries. MPSSE cable and driver information can be found at
http://www.ftdichip.com/Products/Cables/USBMPSSE.htm.
Launch the Sample Application based on MPSSE from the PC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com