Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VM810C Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # VM810C
Description  VM810C EVE2 CREDIT CARD MODULE
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

VM810C Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  VM810C Datasheet HTML 1Page - List of Unclassifed Manufacturers VM810C Datasheet HTML 2Page - List of Unclassifed Manufacturers VM810C Datasheet HTML 3Page - List of Unclassifed Manufacturers VM810C Datasheet HTML 4Page - List of Unclassifed Manufacturers VM810C Datasheet HTML 5Page - List of Unclassifed Manufacturers VM810C Datasheet HTML 6Page - List of Unclassifed Manufacturers VM810C Datasheet HTML 7Page - List of Unclassifed Manufacturers VM810C Datasheet HTML 8Page - List of Unclassifed Manufacturers VM810C Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Neither the whole nor any part of the information contained in, or the product described in this manual, may be adapted or
reproduced in any material or electronic form without the prior written consent of the copyright holder. This product and its
documentation are supplied on an as-is basis and no warranty as to their suitability for any particular purpose is either made
or implied. Future Technology Devices International Ltd will not accept any claim for damages howsoever arising as a result
of use or failure of this product. Your statutory rights are not affected. This product or any variant of it is not intended for use
in any medical appliance, device or system in which the failure of the product might reasonably be expected to result in
personal injury. This document provides preliminary information that may be subject to change without notice. No freedom to
use patents or other intellectual property rights is implied by the publication of this document. Future Technology Devices
International Ltd, Unit 1, 2 Seaward Place, Centurion Business Park, Glasgow G41 1HH United Kingdom. Scotland Registered
Company Number: SC136640
Copyright © 2015 Future Technology Devices International Limited
VM810C EVE2 CREDIT CARD MODULE
Version 1.1
Document No.: FT_001225 Clearance No.: FTDI#464
FTDI Chip
VM810C Datasheet
Embedded Video Engine
Credit Card Board
General Purpose Multi Media Controller
1 Introduction
The VM810C is a development module for
FTDI’s FT810, which is used to develop and
demonstrate the functionality of the FT810
Embedded Video Engine, EVE. This module
behaves as an SPI slave, and requires a SPI
Master for proper micro-controller interfacing
and system integration.
VM810C modules support 5.0” LCD panel
size options. Users can also connect to
different LCD screens as long as they meet
the FT810 technical specification and fit the
VM810C LCD connector.
VM810C50A-D,
3.3/5V
micro-
controller adaptor card with 5.0” LCD
VM810C50A-N,
3.3/5V
micro-
controller adaptor card, with 4.3/5.0”
LCD connector but no display
1.1 Features
The
VM810C
utilises
the
FTDI
FT810
Embedded Video Engine. Graphic, audio and
touch features of the FT810 can be accessed
with the VM810C. For a full list of the FT810’s
features please see the FT810 datasheet.
The VM810C has the following features:
Ready to use LCD module
Options with or without 5” LCDs supporting
resistive touch with pressure sensing
On board LCD backlight LED Driver
Supports mono audio output
On board audio power amplifier and micro
speaker
Flexible
power
supply.
Powering
the
VM810C using SPI host connector, or via
USB Micro-B
port, or via a 2.0mm JST
connector
5 V tolerant buffers when used with a 5V
SPI Master.


Similar Part No. - VM810C

ManufacturerPart #DatasheetDescription
logo
Bridgetek Pte Ltd.
VM816C BRIDGETEK-VM816C Datasheet
1Mb / 20P
Embedded Video Engine Credit Card Board
Version 1.0
VM816C50A-D BRIDGETEK-VM816C50A-D Datasheet
1Mb / 20P
Embedded Video Engine Credit Card Board
Version 1.0
VM816C50A-N BRIDGETEK-VM816C50A-N Datasheet
1Mb / 20P
Embedded Video Engine Credit Card Board
Version 1.0
VM816CU50A-D BRIDGETEK-VM816CU50A-D Datasheet
1Mb / 20P
Embedded Video Engine Credit Card Board
Version 1.0
VM816CU50A-N BRIDGETEK-VM816CU50A-N Datasheet
1Mb / 20P
Embedded Video Engine Credit Card Board
Version 1.0
More results

Similar Description - VM810C

ManufacturerPart #DatasheetDescription
logo
Newhaven Display Intern...
NHD-3.5-320240FT-CSXN-CTP NEWHAVEN-NHD-3.5-320240FT-CSXN-CTP Datasheet
827Kb / 12P
3.5" EVE2 TFT Module
NHD-3.5-320240FT-CSXV-CTP NEWHAVEN-NHD-3.5-320240FT-CSXV-CTP Datasheet
825Kb / 12P
3.5" EVE2 TFT Module
NHD-4.3-480272FT-CSXV-CTP NEWHAVEN-NHD-4.3-480272FT-CSXV-CTP Datasheet
869Kb / 12P
4.3" EVE2 TFT Module
NHD-4.3-480272FT-CSXV-T NEWHAVEN-NHD-4.3-480272FT-CSXV-T Datasheet
858Kb / 12P
4.3" EVE2 TFT Module
NHD-4.3-480272FT-CTXL-T NEWHAVEN-NHD-4.3-480272FT-CTXL-T Datasheet
858Kb / 12P
4.3" EVE2 TFT Module
NHD-7.0-800480FT-CSXN-CTP NEWHAVEN-NHD-7.0-800480FT-CSXN-CTP Datasheet
869Kb / 12P
7.0" EVE2 TFT Module
NHD-7.0-800480FT-CSXV-CTP NEWHAVEN-NHD-7.0-800480FT-CSXV-CTP Datasheet
868Kb / 12P
7.0" EVE2 TFT Module
NHD-7.0-800480FT-CSXV-T NEWHAVEN-NHD-7.0-800480FT-CSXV-T Datasheet
860Kb / 12P
7.0" EVE2 TFT Module
NHD-7.0-800480FT-CTXL-CTP NEWHAVEN-NHD-7.0-800480FT-CTXL-CTP Datasheet
868Kb / 12P
7.0" EVE2 TFT Module
NHD-7.0-800480FT-CTXL-T NEWHAVEN-NHD-7.0-800480FT-CTXL-T Datasheet
860Kb / 12P
7.0" EVE2 TFT Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com