Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VM810C Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # VM810C
Description  VM810C EVE2 CREDIT CARD MODULE
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

VM810C Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button VM810C Datasheet HTML 3Page - List of Unclassifed Manufacturers VM810C Datasheet HTML 4Page - List of Unclassifed Manufacturers VM810C Datasheet HTML 5Page - List of Unclassifed Manufacturers VM810C Datasheet HTML 6Page - List of Unclassifed Manufacturers VM810C Datasheet HTML 7Page - List of Unclassifed Manufacturers VM810C Datasheet HTML 8Page - List of Unclassifed Manufacturers VM810C Datasheet HTML 9Page - List of Unclassifed Manufacturers VM810C Datasheet HTML 10Page - List of Unclassifed Manufacturers VM810C Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
7
Copyright © 2015 Future Technology Devices International Limited
VM810C EVE2 CREDIT CARD MODULE
Version 1.1
Document No.: FT_001225 Clearance No.: FTDI#464
Signal
Pin No
Description
G4
17
Bit 4 of Green RGB signals
G5
18
Bit 5 of Green RGB signals
G6
19
Bit 6 of Green RGB signals
G7
20
Bit 7 of Green RGB signals
B2
23
Bit 2 of Blue RGB signals
B3
24
Bit 3 of Blue RGB signals
B4
25
Bit 4 of Blue RGB signals
B5
26
Bit 5 of Blue RGB signals
B6
27
Bit 6 of Blue RGB signals
B7
28
Bit 7 of Blue RGB signals
XP
37
touch panel X right
YM
38
touch panel Y down
XM
39
touch panel X left
YP
40
touch panel Y up
3V3
4
3V3 Power
GND
3,5,6,13,14,21,22,29,36
Ground
NC
35
No connect
Table 3-3 – J1 Pinout
J2 - Selection between lineout or loop back into the power amplifier.
Selection between audio lineout or loop back into the power amplifier. (Footprint only, JP2 next to J2
is connected by default for on board amplifier and on board mini speaker). If J2 is soldered and used
for audio output selection, JP2 needs to be removed.
Pin
No.
Name
Description
1
Audio line out
Use pin 1 and 3 for FT810 audio line out to external speaker
2
Audio line in
Short pin1 and 2 to loopback FT810 audio into the on-board power amplifier
3
Audio GND
Audio GND
Table 3-4 – J2 Pin Options
J3 – SP+
Audio speaker +ve from the onboard amplifier.
J4 – SP-
Audio speaker -ve from the onboard amplifier.
J5- SPI Interface
This is the interface where the SPI control and data signals are routed. There is also power and
ground pins on this interface. Note J5 is not soldered on the VM810C board by default.
Pin No.
Name
Type
Description
1
SCLK
I
SPI Clock input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com