Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VM810C Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # VM810C
Description  VM810C EVE2 CREDIT CARD MODULE
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

VM810C Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  VM810C Datasheet HTML 1Page - List of Unclassifed Manufacturers VM810C Datasheet HTML 2Page - List of Unclassifed Manufacturers VM810C Datasheet HTML 3Page - List of Unclassifed Manufacturers VM810C Datasheet HTML 4Page - List of Unclassifed Manufacturers VM810C Datasheet HTML 5Page - List of Unclassifed Manufacturers VM810C Datasheet HTML 6Page - List of Unclassifed Manufacturers VM810C Datasheet HTML 7Page - List of Unclassifed Manufacturers VM810C Datasheet HTML 8Page - List of Unclassifed Manufacturers VM810C Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
Copyright © 2015 Future Technology Devices International Limited
VM810C EVE2 CREDIT CARD MODULE
Version 1.1
Document No.: FT_001225 Clearance No.: FTDI#464
2 Ordering Information
Note that the kits below require a 5V/1A power supply. It is NOT provided in the development kit, but is
offered as an optional accessory, as is the USB to SPI cable, with the following part types:
Part No.
Description
VM810C50A-N
Credit Card Size VM810C module, supports 3.3/5v MCU Adapter
Board, with FPC/FFC 40 LCD connector. No display is provided.
VM810C50A-D
Credit Card Size VM810C module, supports 3.3/5v MCU Adapter
Board, with FPC/FFC 40 LCD connector. Includes 5 inch 800x480 TFT
LCD display with resistive touch panel.
VA-PSU-UK1
Accessory - UK Model 5V/1A USB Power Supply (Mfr # JX-B0520C-1-B)
VA-PSU-US1
Accessory - US Model 5V/1A USB Power Supply (Mfr # JX-B0520B-1-B)
VA-PSU-EU1
Accessory - EU Model 5V/1A USB Power Supply (Mfr # JX-B0520A-1-B)
VA800A-SPI
Accessory - High Speed Micro USB to SPI adapter for BASIC boards
based on FT232H MPSSE design
VA-FC-1M-BKW
Accessory - Flat USB A to Micro B Cable 1M- Black and White
VA-FC-1M-BLW
Accessory - Flat USB A to Micro B Cable 1M- Blue and White
VA-FC-STYLUS1
Accessory - Resistive Touch Screen Pen Stylus
Table 2-1 – Ordering information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com