Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VM810C Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # VM810C
Description  VM810C EVE2 CREDIT CARD MODULE
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

VM810C Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  VM810C Datasheet HTML 1Page - List of Unclassifed Manufacturers VM810C Datasheet HTML 2Page - List of Unclassifed Manufacturers VM810C Datasheet HTML 3Page - List of Unclassifed Manufacturers VM810C Datasheet HTML 4Page - List of Unclassifed Manufacturers VM810C Datasheet HTML 5Page - List of Unclassifed Manufacturers VM810C Datasheet HTML 6Page - List of Unclassifed Manufacturers VM810C Datasheet HTML 7Page - List of Unclassifed Manufacturers VM810C Datasheet HTML 8Page - List of Unclassifed Manufacturers VM810C Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4
Copyright © 2015 Future Technology Devices International Limited
VM810C EVE2 CREDIT CARD MODULE
Version 1.1
Document No.: FT_001225 Clearance No.: FTDI#464
3 Hardware Description
Please refer to section 0 for connector settings. Some VM810C jumpers must be set to work properly
with your system.
3.1 VM810C board
The VM810C module is intended for direct use into existing applications that require a display. This
module is suitable for interfacing with an external microcontroller that has a SPI Master channel.
The main functions of the VM810C are as follows:
Micro USB, SPI connector or 2-pin connector for power supply
3.3V regulator : Takes 5V input and outputs 3.3V for on-board circuits
WVGA(800x480) TFT LCD touch screen panel (for the VM810C50A-D module)
LCD backlight driver. On board back light driver has over voltage protection (OVP) of 34V, and
drive current 60mA.
5V tolerant buffers between the SPI master interface and the Slave interface of the FT810
o
SPI timing requirements can be referenced in the FT810 datasheet. The on board level
converter buffers introduce additional delay. The actual maximum SPI clock frequency
depends on the host system timing and connection cable length to the VM810C.
3 stage audio filter and power amplifier
8Ω speaker
Audio line out option
Figure 3-1 – VM810C board top view



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com