Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2240 Datasheet(PDF) 27 Page - Microchip Technology

Part # USB2240
Description  Ultra Fast USB 2.0 Multi-Format
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2240 Datasheet(HTML) 27 Page - Microchip Technology

Back Button USB2240 Datasheet HTML 23Page - Microchip Technology USB2240 Datasheet HTML 24Page - Microchip Technology USB2240 Datasheet HTML 25Page - Microchip Technology USB2240 Datasheet HTML 26Page - Microchip Technology USB2240 Datasheet HTML 27Page - Microchip Technology USB2240 Datasheet HTML 28Page - Microchip Technology USB2240 Datasheet HTML 29Page - Microchip Technology USB2240 Datasheet HTML 30Page - Microchip Technology USB2240 Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 43 page
background image
 2010 - 2015 Microchip Technology Inc.
DS00001979A-page 27
USB224X
7.3.1.1
RESET_N for EEPROM Configuration
7.3.2
USB BUS RESET
In response to the upstream port signaling a reset to the device, the device does the following:
1.
Sets default address to ‘0’.
2.
Sets configuration to: Unconfigured.
3.
All transactions are stopped.
4.
Processor reinitializes and restarts.
5.
All media interfaces are disabled.
FIGURE 7-1:
RESET_N TIMING FOR EEPROM MODE
TABLE 7-2:
RESET_N TIMING FOR EEPROM MODE
Name
Description
MIN
TYP
MAX
Units
t1
RESET_N asserted
1
μsec
t2
Device recovery/stabilization
500
μsec
t3
8051 programs device configuration
20
50
msec
t4
USB attach
100
msec
t5
Host acknowledges attach and signals USB reset
100
msec
t6
USB idle
Undefined
msec
t7
Ready to handle requests (with or without data)
5
msec
Note:
All power supplies must have reached the operating levels mandated in Section 9.0, "DC Parameters," on
page 31, prior to (or coincident with) the assertion of RESET_N.
t1
t2
t4
t5
t6
t7
RESET_N
VSS
Hardware
reset
asserted
Device
Recovery/
Stabilization
8051 Sets
Configuration
Registers
Attach
USB
Upstream
USB Reset
recovery
Idle
Start
completion
request
response
t3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com