Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2240 Datasheet(PDF) 18 Page - Microchip Technology

Part # USB2240
Description  Ultra Fast USB 2.0 Multi-Format
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2240 Datasheet(HTML) 18 Page - Microchip Technology

Back Button USB2240 Datasheet HTML 14Page - Microchip Technology USB2240 Datasheet HTML 15Page - Microchip Technology USB2240 Datasheet HTML 16Page - Microchip Technology USB2240 Datasheet HTML 17Page - Microchip Technology USB2240 Datasheet HTML 18Page - Microchip Technology USB2240 Datasheet HTML 19Page - Microchip Technology USB2240 Datasheet HTML 20Page - Microchip Technology USB2240 Datasheet HTML 21Page - Microchip Technology USB2240 Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 43 page
background image
USB224X
DS00001979A-page 18
 2010 - 2015 Microchip Technology Inc.
7.0
PIN CONFIGURATIONS
7.1
Card Reader
The Microchip USB224x is fully compliant with the following flash media card reader specifications:
• Secure Digital 2.0
- HS-SD and SDHC
- TransFlash™ and reduced form factor media
• MultiMediaCard 4.2
- 1/4/8 bit MMC
• Memory Stick 1.43
• Memory Stick Pro Format 1.02
• Memory Stick Pro-HG Duo Format 1.01
- Memory Stick, MS Duo, HS-MS, MS Pro-HG, MS Pro
• Memory Stick Duo 1.10
• xD-Picture Card 1.2
7.2
System Configurations
7.2.1
EEPROM
The USB224x can be configured via a 2-wire (I2C) EEPROM (512x8) flash device containing the options for the
USB224x. If an external configuration device does not exist the internal default values will be used. If one of the external
devices is used for configuration, the OEM can update the values through the USB interface. The device will then
“attach” to the upstream USB host.
The USBDM tool set is available in the USB224x/USB225x Card Reader software release package. To download the
software package from Microchip's website, please visit:
http://www.microchip.com/SWLibraryWeb/product.aspx?product=OBJ Card Reader
to go to the OBJ Card Reader Software Download Agreement. Review the license, and if you agree, check the "I agree"
box and then select “Confirm”. You will then be able to download the USB224x/USB225x Card reader combo release
package zip file containing the USBDM tool set. Please note that the following applies to the system values and descrip-
tions when used:
• N/A = Not applicable to this part
• Reserved = For internal use
7.2.2
EEPROM DATA DESCRIPTOR
TABLE 7-1:
INTERNAL FLASH MEDIA CONTROLLER CONFIGURATIONS
Address
Register Name
Description
Internal Default Value
00h
USB_SER_LEN
USB Serial String
Descriptor Length
1Ah
01h
USB_SER_TYP
USB Serial String
Descriptor Type
03h
02h-19h
USB_SER_NUM
USB Serial Number
"000000225001"
(See Note 7-1)
1Ah-1Bh
USB_VID
USB Vendor Identifier
0424
1Ch-1Dh
USB_PID
USB Product Identifier
2240
1Eh
USB_LANG_LEN
USB Language String Descriptor
Length
04h
1Fh
USB_LANG_TYP
USB Language String Descriptor
Type
03h
20h
USB_LANG_ID_LSB
USB Language Identifier
Least Significant Byte
09h
(See Note 7-2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com