Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2240 Datasheet(PDF) 17 Page - Microchip Technology

Part # USB2240
Description  Ultra Fast USB 2.0 Multi-Format
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2240 Datasheet(HTML) 17 Page - Microchip Technology

Back Button USB2240 Datasheet HTML 13Page - Microchip Technology USB2240 Datasheet HTML 14Page - Microchip Technology USB2240 Datasheet HTML 15Page - Microchip Technology USB2240 Datasheet HTML 16Page - Microchip Technology USB2240 Datasheet HTML 17Page - Microchip Technology USB2240 Datasheet HTML 18Page - Microchip Technology USB2240 Datasheet HTML 19Page - Microchip Technology USB2240 Datasheet HTML 20Page - Microchip Technology USB2240 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 43 page
background image
 2010 - 2015 Microchip Technology Inc.
DS00001979A-page 17
USB224X
6.2
Buffer Type Descriptions
TABLE 6-2:
BUFFER TYPE DESCRIPTIONS
Buffer
Description
I
Input
IPU
Input with internal weak pull-up resistor
IS
Input with Schmitt trigger
I/O12
Input/output buffer with 12 mA sink and 12 mA source
I/O200
Input/Output buffer 12 mA with FET disabled, 100/200 mA source only when the FET is
enabled
I/O12PD
Input/output buffer with 12 mA sink and 12 mA source with an internal weak pull-down
resistor
I/O12PU
Input/output buffer with 12 mA sink and 12 mA source with a pull-up resistor
O12
Output buffer with 12 mA source
O12PU
Output buffer with 12 mA sink and 12 mA source, with a pull-up resistor
O12PD
Output buffer with 12 mA sink and 12 mA source, with a pull-down resistor
ICLKx
XTAL clock input
OCLKx
XTAL clock output
I/O-U
Analog input/output as defined in the USB 2.0 Specification
I-R
RBIAS
Note:
The DC characteristics are outlined in Section 9.3, on page 32.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com