Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2240 Datasheet(PDF) 1 Page - Microchip Technology

Part # USB2240
Description  Ultra Fast USB 2.0 Multi-Format
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2240 Datasheet(HTML) 1 Page - Microchip Technology

  USB2240 Datasheet HTML 1Page - Microchip Technology USB2240 Datasheet HTML 2Page - Microchip Technology USB2240 Datasheet HTML 3Page - Microchip Technology USB2240 Datasheet HTML 4Page - Microchip Technology USB2240 Datasheet HTML 5Page - Microchip Technology USB2240 Datasheet HTML 6Page - Microchip Technology USB2240 Datasheet HTML 7Page - Microchip Technology USB2240 Datasheet HTML 8Page - Microchip Technology USB2240 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 43 page
background image
 2010 - 2015 Microchip Technology Inc.
DS00001979A-page 1
Highlights
The Microchip USB224x is a USB 2.0 compliant, Hi-
Speed bulk only1 mass storage class peripheral con-
troller intended for reading and writing to popular flash
media from the xD-Picture CardTM (xD)2, Memory
Stick® (MS), Secure Digital (SD), and MultiMedia-
CardTM (MMC) families.
The USB224x is a fully integrated, single chip solution
capable of ultra high performance operation. Average
sustained transfer rates exceeding 35 MB/s are possi-
ble if the media and host can support those rates. The
USB2244/44i includes provisions to read/write secure
media formats.
General Features
• Low pin count 36-pin QFN (6x6 mm) RoHS com-
pliant package
• USB2240/40I/41/41I
- Targeted for applications in which single or
"combo" media sockets are used
• Hardware-controlled data flow architecture for all
self-mapped media
• Pipelined hardware support for access to non-
self-mapped media
• Order number with “I” denote the products that
support the industrial temperature range of -40ºC
to 85ºC
• Support included for secure media format on a
licensed, customized basis
- USB2244/44I: SD Secure
Hardware Features
• Single chip flash media controller with
- USB2240/40I/41/4I: multiplexed interface for
use with “combo” card sockets
- USB2244/44I: SD/MMC flash media reader/
writer
• MMC Streaming Mode support
• Extended configuration options
- xD player mode operation
- Socket switch polarities, etc.
• Media Activity LED
• On board 24 MHz crystal driver circuit
• Optional external 24 MHz clock input3
• Internal card power FET
- 200 mA
- "Fold-back" short circuit protection
• 8051 8-bit microprocessor
- 60 MHz - single cycle execution
- 64 KB ROM | 14 KB RAM
• Supports a single external 3.3 V supply source;
internal regulators provide 1.8 V internal core volt-
age for additional bill of materials and power sav-
ings
• Optimized pinout improves signal routing which
eases implementation for improved signal integ-
rity
Flash Media Specification Compliance
• Secure Digital 2.0
- HS-SD, SDHC
- TransFlashTM and reduced form factor media
• MultiMediaCard 4.2
- 1/4/8-bit MMC
• Memory Stick Formats
- MS 1.43, Pro 1.02, Duo 1.10
- Pro-HG Duo 1.01
–MS, MS Duo, HS-MS, MS Pro-HG, MS Pro
• xD-Picture Card 1.2
Software Features
• Customizable vendor specific data
• Optimized for low latency interrupt handling
• Reduced memory footprint
Applications
• Flash media card reader/writers
• Desktop and mobile PCs
• Printers
• Consumer A/V and media players/viewers
• Compatible with
–Microsoft® VistaTM
and Vista ReadyBoostTM
–Windows® XP, ME, 2K SP4
–Apple Mac OSx®
–Linux Mass Storage Class Drivers
1.Bulk only is not applicable to USB2240/40i/41/41i.
2.xD-Picture Card is not applicable to USB2241/41i.
3.Only applicable to USB2240/40i/41/41i.
USB224X
Ultra Fast USB 2.0 Multi-Format, SD/MMC, and MS Flash
Media Controllers


Similar Part No. - USB2240

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
USB2240 SMSC-USB2240 Datasheet
717Kb / 28P
Ultra Fast USB 2.0 Multi-Format Flash Media Controller
logo
Microchip Technology
USB2240-AEZG MICROCHIP-USB2240-AEZG Datasheet
795Kb / 43P
Ultra Fast USB 2.0 Multi-Format, SD/MMC, and MS Flash Media Controllers
01/27/15
USB2240-AEZG-TR MICROCHIP-USB2240-AEZG-TR Datasheet
795Kb / 43P
Ultra Fast USB 2.0 Multi-Format, SD/MMC, and MS Flash Media Controllers
01/27/15
USB2240I-AEZG MICROCHIP-USB2240I-AEZG Datasheet
795Kb / 43P
Ultra Fast USB 2.0 Multi-Format, SD/MMC, and MS Flash Media Controllers
01/27/15
USB2240I-AEZG-TR MICROCHIP-USB2240I-AEZG-TR Datasheet
795Kb / 43P
Ultra Fast USB 2.0 Multi-Format, SD/MMC, and MS Flash Media Controllers
01/27/15
More results

Similar Description - USB2240

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C4880-80 HAMAMATSU-C4880-80 Datasheet
79Kb / 2P
Fast scan multi format Cooled CCD Camera
logo
National Semiconductor ...
LMH1981 NSC-LMH1981_07 Datasheet
1Mb / 16P
Multi-Format Video Sync Separator
logo
SMSC Corporation
USB2240 SMSC-USB2240 Datasheet
717Kb / 28P
Ultra Fast USB 2.0 Multi-Format Flash Media Controller
USB2250 SMSC-USB2250 Datasheet
894Kb / 36P
Ultra Fast USB 2.0 Multi-Format Flash Media Controller
USB2244 SMSC-USB2244 Datasheet
565Kb / 22P
Ultra Fast USB 2.0 SD/MMC Flash Media Controller
logo
Microchip Technology
USB2241I-AEZG-06 MICROCHIP-USB2241I-AEZG-06 Datasheet
240Kb / 8P
Ultra Fast USB 2.0 Multi-Format, SD/MMC, and MS Flash Media Controllers
Revision 2.1 02-07-13
USB2241I-AEZG-06 MICROCHIP-USB2241I-AEZG-06 Datasheet
240Kb / 8P
Ultra Fast USB 2.0 Multi-Format, SD/MMC and MS Flash Media Controllers
Revision 2.1 02-07-13
USB2250 MICROCHIP-USB2250 Datasheet
472Kb / 43P
Ultra Fast USB 2.0 Multi-Slot Flash Media Controller
07/14/15
USB224X MICROCHIP-USB224X Datasheet
795Kb / 43P
Ultra Fast USB 2.0 Multi-Format, SD/MMC, and MS Flash Media Controllers
01/27/15
USB2640 MICROCHIP-USB2640 Datasheet
691Kb / 60P
Ultra Fast USB 2.0 Multi-Format Flash Media Controller/USB Hub Combo
02/28/20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com