Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2240 Datasheet(PDF) 16 Page - Microchip Technology

Part # USB2240
Description  Ultra Fast USB 2.0 Multi-Format
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2240 Datasheet(HTML) 16 Page - Microchip Technology

Back Button USB2240 Datasheet HTML 12Page - Microchip Technology USB2240 Datasheet HTML 13Page - Microchip Technology USB2240 Datasheet HTML 14Page - Microchip Technology USB2240 Datasheet HTML 15Page - Microchip Technology USB2240 Datasheet HTML 16Page - Microchip Technology USB2240 Datasheet HTML 17Page - Microchip Technology USB2240 Datasheet HTML 18Page - Microchip Technology USB2240 Datasheet HTML 19Page - Microchip Technology USB2240 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 43 page
background image
USB224X
DS00001979A-page 16
 2010 - 2015 Microchip Technology Inc.
VDD18PLL
34
1.8 V PLL Power
+1.8 V Filtered analog power for internal PLL. This pin
must have a 1.0
μF ± 20% (ESR < 0.1 Ω) capacitor to
VSS.
MISC
LED
1
I/O12
LED: Can be used as an LED output.
RXD /
SDA
I
RXD: This signal can be used as input to the RXD of
UART in the device. Custom firmware is required to
activate this function.
I/O12
SDA: This is the data pin when used with an external
serial EEPROM.
TXD /
SCK /
MS_SKT_SEL
31
O12
TXD: This signal can be used as an output TXD of UART
in the device. Custom firmware is required to activate this
function.
O12
SCK: This is the clock output when used with an external
EEPROM.
I
MS_SKT_SEL: On the positive edge of RESET_N, this
pin is sampled to determined the Memory Stick socket
size.
1 = 8-bit
0 = 4-bit
CRD_PWR
21
I/O200
CRD_PWR: Card power drive of 3.3 V at either 100 mA
or 200 mA.
RESET_N
18
IS
RESET Input: This active low signal is used by the
system to reset the chip. The active low pulse should be
at least 1
μs wide.
TEST
28
I
TEST Input: Tie this pin to ground for normal operation.
NC
12
15
16
17
12
15
16
17
No Connect. No trace or signal should be routed/attached
to these pins.
DIGITAL / POWER
VDD18
13
+1.8 V core power. This pin must have a 1.0
μF ± 20%
(ESR <0.1
Ω) capacitor to VSS.
VDD33
6
14
22
3.3 V Power and Regulator Input
VSS
ePad
Ground Pad/ePad: the package slug is the only VSS for
the device and must be tied to ground with an array of
3x3 vias.
TABLE 6-1:
USB224X 36-PIN QFN PIN DESCRIPTIONS (CONTINUED)
Symbol
Buffer
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com