Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5975D Datasheet(PDF) 23 Page - STMicroelectronics

Part # R5975D
Description  Up to 3 A step-down switching regulator for aerospace applications
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

R5975D Datasheet(HTML) 23 Page - STMicroelectronics

Back Button R5975D Datasheet HTML 19Page - STMicroelectronics R5975D Datasheet HTML 20Page - STMicroelectronics R5975D Datasheet HTML 21Page - STMicroelectronics R5975D Datasheet HTML 22Page - STMicroelectronics R5975D Datasheet HTML 23Page - STMicroelectronics R5975D Datasheet HTML 24Page - STMicroelectronics R5975D Datasheet HTML 25Page - STMicroelectronics R5975D Datasheet HTML 26Page - STMicroelectronics R5975D Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 47 page
background image
DocID026878 Rev 1
23/47
R5975D
Closing the loop
47
The gain and phase bode diagrams are plotted respectively in Figure 10 and 11.
Figure 10. Module plot
Figure 11. Phase plot
The cut-off frequency and the phase margin are:
Equation 16
FC
38kHz
=
Phase margin = 45°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com